Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 213 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 213 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 209Page - Altera Corporation PLL2_C0 Datasheet HTML 210Page - Altera Corporation PLL2_C0 Datasheet HTML 211Page - Altera Corporation PLL2_C0 Datasheet HTML 212Page - Altera Corporation PLL2_C0 Datasheet HTML 213Page - Altera Corporation PLL2_C0 Datasheet HTML 214Page - Altera Corporation PLL2_C0 Datasheet HTML 215Page - Altera Corporation PLL2_C0 Datasheet HTML 216Page - Altera Corporation PLL2_C0 Datasheet HTML 217Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–55
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
After the first device completes configuration in a multi-device configuration chain,
its nCEO pin drives low to activate the nCE pin of the second device, which prompts the
second device to begin configuration. Therefore, if these devices are also in a JTAG
chain, ensure that the nCE pins are connected to GND during JTAG configuration or
that the devices are JTAG configured in the same order as the configuration chain. As
long as the devices are JTAG configured in the same order as the multi-device
configuration chain, the nCEO pin of the previous device drives the nCE pin of the next
device low when it has successfully been JTAG configured. You can place other Altera
devices that have JTAG support in the same JTAG chain for device programming and
configuration.
1 JTAG configuration allows an unlimited number of Cyclone III device family to be
cascaded in a JTAG chain.
f For more information about configuring multiple Altera devices in the same
configuration chain, refer to the Configuring Mixed Altera FPGA Chains chapter in
volume 2 of the Configuration Handbook.
Figure 9–28 shows JTAG configuration of a Cyclone III device family with a
microprocessor.
Configuring Cyclone III Device Family with Jam STAPL
Jam STAPL, JEDEC standard JESD-71, is a standard file format for in-system
programmability (ISP) purposes. Jam STAPL supports programming or configuration
of programmable devices and testing of electronic systems, using the IEEE 1149.1
JTAG interface. Jam STAPL is a freely licensed open standard. The Jam Player
provides an interface for manipulating the IEEE Std. 1149.1 JTAG TAP state machine.
f For more information about JTAG and Jam STAPL in embedded environments, refer
to AN 425: Using Command-Line Jam STAPL Solution for Device Programming. To
download the jam player, visit the Altera website (www.altera.com).
Figure 9–28. JTAG Configuration of a Single Device Using a Microprocessor
Notes to Figure 9–28:
(1) The pull-up resistor must be connected to a supply that provides an acceptable input signal for all devices in the
chain.
(2) Connect the nCONFIG and MSEL[3..0] pins to support a non-JTAG configuration scheme. If you only use a JTAG
configuration, connect the nCONFIG pin to logic high and the MSEL[3..0] pins to ground. In addition, pull DCLK and
DATA[0]
either high or low, whichever is convenient on your board.
(3) The nCE pin must be connected to GND or driven low for successful JTAG configuration.
(4) All I/O inputs must maintain a maximum AC voltage of 4.1 V. Signals driving into TDI, TMS, and TCK must fit the
maximum overshoot equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
nCONFIG
DATA[0]
DCLK
TDI (4)
TCK (4)
TMS (4)
Microprocessor
Memory
ADDR
TDO
Cyclone III Device Family
nSTATUS
CONF_DONE
VCCIO
VCCIO
10 k
Ω
10 k
Ω
(2)
(2)
N.C.
(2)
(2)
(1)
(1)
(3)
MSEL[3..0]
nCE
nCEO
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com