Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 216 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 216 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 212Page - Altera Corporation PLL2_C0 Datasheet HTML 213Page - Altera Corporation PLL2_C0 Datasheet HTML 214Page - Altera Corporation PLL2_C0 Datasheet HTML 215Page - Altera Corporation PLL2_C0 Datasheet HTML 216Page - Altera Corporation PLL2_C0 Datasheet HTML 217Page - Altera Corporation PLL2_C0 Datasheet HTML 218Page - Altera Corporation PLL2_C0 Datasheet HTML 219Page - Altera Corporation PLL2_C0 Datasheet HTML 220Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 274 page
background image
9–58
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Programming Serial Configuration Devices In-System Using the JTAG
Interface
Cyclone III device family in a single-device or in a multiple-device chain supports
in-system programming of a serial configuration device with the JTAG interface using
the SFL design. The intelligent host or download cable of the board can use the four
JTAG pins on the Cyclone III device family to program the serial configuration device
in system, even if the host or download cable cannot access the configuration pins
(DCLK, DATA, ASDI, and nCS pins).
The SFL design is a JTAG-based in-system programming solution for Altera serial
configuration devices. The SFL is a bridge design for the Cyclone III device family
that uses its JTAG interface to access the EPCS JTAG Indirect Configuration Device
Programming (.jic) file and then uses the AS interface to program the EPCS device.
Both the JTAG interface and AS interface are bridged together inside the SFL design.
In a multiple device chain, you must only configure the master device that controls
the serial configuration device. When using this feature, the slave devices in the
multiple device chain which are configured by the serial configuration device do not
need to be configured. To use this feature successfully, set the MSEL[3..0]pins of the
master device to select the AS configuration scheme (Table 9–7 on page 9–11). The
serial configuration device in-system programming through the Cyclone III device
family JTAG interface has three stages, which are described in the following sections:
■
“Loading the SFL Design” on page 9–58
■
“ISP of the Configuration Device” on page 9–59
■
“Reconfiguration” on page 9–60
Loading the SFL Design
The SFL design is a design inside the Cyclone III device family that bridges the JTAG
interface and the AS interface with glue logic.
The intelligent host uses the JTAG interface to configure the master device with a SFL
design. The SFL design allows the master device to control the access of four serial
configuration device pins, also known as the Active Serial Memory Interface (ASMI)
pins, through the JTAG interface. The ASMI pins are serial clock input (DCLK), serial
data output (DATA), AS data input (ASDI), and active-low chip select (nCS) pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com