| Electronic Components Datasheet Search |
|
PLL2_C0 Datasheet(PDF) 229 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 Datasheet(HTML) 229 Page - Altera Corporation |
|
229 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–71 Design Security August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Security Against Copying The volatile key is securely stored in the Cyclone III LS device and cannot be read out through any interfaces. The information of your design cannot be copied because the configuration file read-back feature is not supported in Cyclone III LS devices. Security Against Reverse Engineering Reverse engineering from an encrypted configuration file is very difficult and time consuming because Cyclone III LS configuration file formats are proprietary and the file contains million of bits which require specific decryption. Reverse engineering the Cyclone III LS device is just as difficult because the device is manufactured on the advanced 60-nm process technology. Security Against Tampering Cyclone III LS devices support the following anti-tamper features: ■ Ability to limit JTAG instruction set and provides protection against configuration data readback over the JTAG port ■ Ability to clear contents of FPGA logic, configuration memory, user memory, and volatile key ■ Error detection (ED) cycle indicator to core Cyclone III LS devices provide a pass or fail indicator at every ED cycle and visibility over intentional or unintentional change of CRAM bits. f For more information about anti-tamper protection for Cyclone III LS devices, refer to AN 593: Anti-Tamper Protection for Cyclone III LS Devices. f For more information about the implementation of secure configuration flow in Quartus II, refer to AN 589: Using Design Security Feature in Cyclone III LS Devices. AES Decryption Block The main purpose of the AES decryption block is to decrypt the configuration bitstream prior to entering configuration. Prior to receiving encrypted data, you must enter and store the 256-bit volatile key in the device with battery backup. The key is scrambled prior to storing it in the key storage to make it more difficult for anyone to retrieve the stored key using de-capsulation of the device. Key Storage Cyclone III LS devices support volatile key programming. Table 9–24 lists the volatile key features. Table 9–24. Security Key Features (Part 1 of 2) Volatile Key Features Description Key programmability Reprogrammable and erasable External battery Required Key programming method (1) On-board |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |