| Electronic Components Datasheet Search |
|
PLL2_C0 Datasheet(PDF) 232 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 Datasheet(HTML) 232 Page - Altera Corporation |
|
232 / 274 page ![]() 9–74 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Remote System Upgrade Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 No Key Operation Only unencrypted configuration bitstreams are allowed to configure the device. FACTORY Mode After power up, Cyclone III LS devices must be in FACTORY mode to program the volatile key. The FACTORY private JTAG instruction must be issued after the device successfully exits from POR and before the device starts loading the core configuration data to enable access to all other instructions from the JTAG pins. The device configuration data and AES volatile key are cleared if the FACTORY instruction is executed. Table 9–25 lists the configuration bitstream and the configuration mode supported for each security mode. Remote System Upgrade Cyclone III devices support remote system upgrade in AS and AP configuration schemes. Cyclone III LS devices support remote system upgrade in the AS configuration scheme only. Remote system upgrade can also be implemented with advanced Cyclone III features such as real-time decompression of configuration data in the AS configuration scheme. ■ The serial configuration device uses the AS configuration scheme to configure Cyclone III or Cyclone III LS devices ■ The supported parallel flash uses the AP configuration scheme to configure Cyclone III devices ■ Remote system upgrade is not supported in the multi-device configuration chain for any configuration scheme. Table 9–25. Security Modes Supported Mode Function Configuration File Allowed Configuration Mode Volatile Key Secure Encrypted PS with AES (without decompression). FPP with AES (without decompression). Remote update fast AS with AES (without decompression). Fast AS (without decompression). Board-Level Testing Unencrypted All configuration modes that do not engage the design security feature. No Key — Unencrypted All configuration modes that do not engage the design security feature. FACTORY Volatile Key Programming —— |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |