| Electronic Components Datasheet Search |
|
PLL2_C0 Datasheet(PDF) 243 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C0 Datasheet(HTML) 243 Page - Altera Corporation |
|
243 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–85 Remote System Upgrade August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 1 To ensure the successful reconfiguration between the pages, assert RU_nCONFIG signal for a minimum of 250 ns. This is equivalent to strobing the reconfig input of the ALTREMOTE_UPDATE megafunction high for a minimum of 250 ns. If there is an error or reconfiguration trigger condition, the remote system upgrade state machine directs the system to load a factory or application configuration (based on mode and error condition) by setting the control register accordingly. Table 9–30 lists the contents of the control register after such an event occurs for all possible error or trigger conditions. The remote system upgrade status register is updated by the dedicated error monitoring circuitry after an error condition but before the factory configuration is loaded. User Watchdog Timer The user watchdog timer prevents a faulty application configuration from stalling the device indefinitely. The system uses the timer to detect functional errors after an application configuration is successfully loaded into the Cyclone III device family. The user watchdog timer is a counter that counts down from the initial value loaded into the remote system upgrade control register by the factory configuration. The counter is 29-bits wide and has a maximum count value of 229. When specifying the user watchdog timer value, specify only the most significant 12 bits. Remote system upgrade circuitry appends 17’b1000 to form the 29 bits value for the watchdog timer. The granularity of the timer setting is 217 cycles. The cycle time is based on the frequency of the 10-MHz internal oscillator. Table 9–31 lists the operating range of the 10-MHz internal oscillator. The user watchdog timer begins counting after the application configuration enters device user mode. This timer must be periodically reloaded or reset by the application configuration before the timer expires by asserting RU_nRSTIMER. If the application configuration does not reload the user watchdog timer before the count expires, a time-out signal is generated by the remote system upgrade dedicated circuitry. The time-out signal tells the remote system upgrade circuitry to set the user watchdog timer status bit (Wd) in the remote system upgrade status register and reconfigures the device by loading the factory configuration. Table 9–30. Control Register Contents After an Error or Reconfiguration Trigger Condition Reconfiguration Error/Trigger Control Register Setting In Remote Update nCONFIG reset All bits are 0 nSTATUS error All bits are 0 CORE triggered reconfiguration Update register CRC error All bits are 0 Wd time out All bits are 0 Table 9–31. 10-MHz Internal Oscillator Specifications Minimum Typical Maximum Unit 5 6.5 10 MHz |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |