Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 247 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 247 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 243Page - Altera Corporation PLL2_C0 Datasheet HTML 244Page - Altera Corporation PLL2_C0 Datasheet HTML 245Page - Altera Corporation PLL2_C0 Datasheet HTML 246Page - Altera Corporation PLL2_C0 Datasheet HTML 247Page - Altera Corporation PLL2_C0 Datasheet HTML 248Page - Altera Corporation PLL2_C0 Datasheet HTML 249Page - Altera Corporation PLL2_C0 Datasheet HTML 250Page - Altera Corporation PLL2_C0 Datasheet HTML 251Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 274 page
background image
CIII51011-3.4
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
July 2012
Subscribe
ISO
9001:2008
Registered
10. Hot-Socketing and Power-On Reset in
the Cyclone III Device Family
The Cyclone® III device family (Cyclone III and Cyclone III LS devices) offers
hot-socketing, which is also known as hot plug-in or hot swap, and power sequencing
support without the use of any external devices. You can insert or remove Cyclone III
device family or a board in a system during system operation without causing
undesirable effects to the running system bus or the board that is inserted into the
system.
The hot-socketing feature removes some of the difficulties that you encounter when
you use Cyclone III device family on a PCB that contains a mixture of 3.3, 3.0, 2.5, 1.8,
1.5, and 1.2 V devices. With the hot-socketing feature of Cyclone III device family, you
no longer need to ensure a proper power up sequence for each device on the board.
Cyclone III device family hot-socketing feature provides:
■
Board or device insertion and removal without external components or board
manipulation
■
Support for any power-up sequence
■
Non-intrusive I/O buffers to system buses during hot insertion
This chapter also describes the power-on reset (POR) circuitry in Cyclone III device
family. The POR circuitry keeps the devices in the reset state until the power supplies
are in operating range.
This chapter contains the following sections:
■
“Hot-Socketing Specifications” on page 10–1
■
“Hot-Socketing Feature Implementation” on page 10–3
■
“POR Circuitry” on page 10–3
Hot-Socketing Specifications
Cyclone III device family is a hot-socketing compliant without the need for any
external components or special design requirements. Hot-socketing support in
Cyclone III device family has the following advantages:
■
You can drive the device before power-up without damaging the device.
■
I/O pins remain tristated during power-up. The device does not drive out before
or during power-up, therefore not affecting other buses in operation.
July 2012
CIII51011-3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com