| Electronic Components Datasheet Search |
|
PLL2_C1 Datasheet(PDF) 111 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 Datasheet(HTML) 111 Page - Altera Corporation |
|
111 / 274 page ![]() Chapter 6: I/O Features in the Cyclone III Device Family 6–13 Termination Scheme for I/O Standards July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 The Cyclone III device family supports PCI and PCI-X I/O standards at 3.0-V VCCIO. The 3.0-V PCI and PCI-X I/O are fully compatible for direct interfacing with 3.3-V PCI systems without requiring any additional components. The 3.0-V PCI and PCI-X outputs meet the VIH and VIL requirements of 3.3-V PCI and PCI-X inputs with sufficient noise margin. f For more information about the 3.3/3.0/2.5-V LVTTL and LVCMOS multivolt I/O support, refer to AN 447: Interfacing Cyclone III and Cyclone IV Devices with 3.3/3.0/2.5-V LVTTL/LVCMOS I/O Systems. Termination Scheme for I/O Standards This section describes recommended termination schemes for voltage-referenced and differential I/O standards. The 3.3-V LVTTL, 3.0-V LVTTL and LVCMOS, 2.5-V LVTTL and LVCMOS, 1.8-V LVTTL and LVCMOS, 1.5-V LVCMOS, 1.2-V LVCMOS, 3.0-V PCI, and PCI-X I/O standards do not specify a recommended termination scheme per the JEDEC standard. LVDS (8) Differential — 2.5 2.5 vv v v v RSDS and mini-LVDS (4) Differential — — 2.5 — vv — v BLVDS (6) Differential — 2.5 2.5 — — v — v LVPECL (5) Differential — 2.5 — v —— v — Notes to Table 6–4: (1) The PCI-clamp diode must be enabled for 3.3-V/3.0-V LVTTL/LVCMOS. (2) The Cyclone III architecture supports the MultiVolt I/O interface feature that allows Cyclone III devices to interface with I/O systems that have different supply voltages. (3) Differential HSTL and SSTL outputs use two single-ended outputs with the second output programmed as inverted. Differential HSTL and SSTL inputs treat differential inputs as two single-ended HSTL and SSTL inputs and only decode one of them. Differential HSTL and SSTL are only supported on CLK pins. (4) PPDS, mini-LVDS, and RSDS are only supported on output pins. (5) LVPECL is only supported on clock inputs. (6) Bus LVDS (BLVDS) output uses two single-ended outputs with the second output programmed as inverted. BLVDS input uses LVDS input buffer. (7) Class I and Class II refer to output termination and do not apply to input. 1.2-V HSTL input is supported at both column and row I/O regardless of class. (8) True differential LVDS, RSDS, and mini-LVDS I/O standards are supported in left and right I/O pins while emulated differential LVDS (LVDS_E_3R), RSDS (RSDS_E_3R), and mini-LVDS (LVDS_E_3R) I/O standards are supported in both left and right, and top and bottom I/O pins. Table 6–4. Cyclone III Device Family Supported I/O Standards and Constraints (Part 2 of 2) I/O Standard Type Standard Support VCCIO Level (in V) Top and Bottom I/O Pins Left and Right I/O Pins Input Output CLK, DQS PLL_OUT User I/O Pins CLK, DQS User I/O Pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |