Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 115 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 115 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 111Page - Altera Corporation PLL2_C1 Datasheet HTML 112Page - Altera Corporation PLL2_C1 Datasheet HTML 113Page - Altera Corporation PLL2_C1 Datasheet HTML 114Page - Altera Corporation PLL2_C1 Datasheet HTML 115Page - Altera Corporation PLL2_C1 Datasheet HTML 116Page - Altera Corporation PLL2_C1 Datasheet HTML 117Page - Altera Corporation PLL2_C1 Datasheet HTML 118Page - Altera Corporation PLL2_C1 Datasheet HTML 119Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–17
I/O Banks
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 6–5 lists the I/O standards supported when a pin is used as a regular I/O pin in
the I/O banks of the Cyclone III device family.
Each I/O bank of the Cyclone III device family has a VREF bus to accommodate
voltage-referenced I/O standards. Each VREF pin is the reference source for its VREF
group. If you use a VREF group for voltage-referenced I/O standards, connect the VREF
pin for that group to the appropriate voltage level. If you do not use all the VREF
groups in the I/O bank for voltage referenced I/O standards, you can use the VREF pin
in the unused voltage referenced groups as regular I/O pins. For example, if you have
SSTL-2 Class I
input pins in I/O bank 1 and they are all placed in the VREFB1N0
group, VREFB1N0 must be powered with 1.25 V, and the remaining VREFB1N[1:3] pins
(if available) are used as I/O pins. If multiple VREF groups are used in the same I/O
bank, the VREF pins must all be powered by the same voltage level because the VREF
pins are shorted together within the same I/O bank.
Table 6–5. Cyclone III Device Family I/O Standards Support
I/O Standard
I/O Banks
123
4567
8
3.3-V LVTTL/LVCMOS,
3.0-V LVTTL/LVCMOS,
2.5-V LVTTL/LVCMOS,
1.8-V LVTTL/LVCMOS,
1.5-V LVCMOS,
1.2V LVCMOS,
3.0-V PCI/PCI-X
v
vvv
vvvv
SSTL-18 Class I/II,
SSTL-2 Class I/II,
HSTL-18 Class I/II,
HSTL-15 Class I/II,
HSTL-12 Class I
v
vvv
vvvv
HSTL-12 Class II
——
vv
——
vv
Differential SSTL-2,
Differential SSTL-18,
Differential HSTL-18,
Differential HSTL-15,
Differential HSTL-12
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
PPDS (2), (3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
LVDS (2)
v
vvv
vvvv
BLVDS
v
vvv
vvvv
RSDS and mini-LVDS (2)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
Differential LVPECL
(4)
(4)
(4)
(4)
(4)
(4)
(4)
(4)
Notes to Table 6–5:
(1) These differential I/O standards are supported only for clock inputs and dedicated PLL_OUT outputs.
(2) True differential (PPDS, LVDS, mini-LVDS, and RSDS I/O standards) outputs are supported in row I/O banks only. Differential outputs in
column I/O banks require an external resistors network.
(3) This I/O standard is supported for outputs only.
(4) This I/O standard is supported for clock inputs only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com