| Electronic Components Datasheet Search |
|
PLL2_C1 Datasheet(PDF) 114 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 Datasheet(HTML) 114 Page - Altera Corporation |
|
114 / 274 page ![]() 6–16 Chapter 6: I/O Features in the Cyclone III Device Family I/O Banks Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 f For information about the Cyclone III device family differential PPDS, LVDS, mini LVDS , RSDS I/O, and Bus LVDS (BLVDS) standard termination, refer to the High-Speed Differential Interfaces in the Cyclone III Device Family chapter. I/O Banks I/O pins on the Cyclone III device family are grouped together into I/O banks, and each bank has a separate power bus. Cyclone III and Cyclone III LS devices have eight I/O banks, as shown in Figure 6–10. Each device I/O pin is associated with one I/O bank. All single-ended I/O standards are supported in all banks except HSTL-12 Class II , which is only supported in column I/O banks. All differential I/O standards are supported in all banks. The only exception is HSTL-12 Class II, which is only supported in column I/O banks. Figure 6–10. Cyclone III Device Family I/O Banks (1), (2) Notes to Figure 6–10: (1) This is a top view of the silicon die. This is only a graphical representation. For exact pin locations, refer to the pin list and the Quartus II software. (2) True differential (PPDS, LVDS, mini-LVDS, and RSDS I/O standards) outputs are supported in row I/O banks 1, 2, 5, and 6 only. External resistors are needed for the differential outputs in column I/O banks. (3) The LVPECL I/O standard is only supported on clock input pins. This I/O standard is not supported on output pins. (4) The HSTL-12 Class II is supported in column I/O banks 3, 4, 7, and 8 only. (5) The differential SSTL-18 and SSTL-2, differential HSTL-18, and HSTL-15 I/O standards are supported only on clock input pins and phase-locked loops (PLLs) output clock pins. Differential SSTL-18, differential HSTL-18, and HSTL-15 I/O standards do not support Class II output. (6) The differential HSTL-12 I/O standard is only supported on clock input pins and PLL output clock pins. Differential HSTL-12 Class II is supported only in column I/O banks 3, 4, 7, and 8. (7) BLVDS output uses two single-ended outputs with the second output programmed as inverted. BLVDS input uses the LVDS input buffer. All I/O Banks Support: 3.3-V LVTTL/LVCMOS 3.0-V LVTTL/LVCMOS 2.5-V LVTTL/LVCMOS 1.8-V LVTTL/LVCMOS 1.5-V LVCMOS 1.2-V LVCMOS PPDS LVDS RSDS mini-LVDS Bus LVDS ( 7) LVPECL (3) SSTL-2 class I and II SSTL-18 CLass I and II HSTL-18 Class I and II HSTL-15 Class I and II HSTL-12 Class I and II (4) Differential SSTL-2 (5) Differential SSTL-18 (5) Differential HSTL-18 (5) Differential HSTL-15 (5) Differential HSTL-12 (6) I/O Bank 8 I/O Bank 7 I/O Bank 3 I/O Bank 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |