Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 113 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 113 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 109Page - Altera Corporation PLL2_C1 Datasheet HTML 110Page - Altera Corporation PLL2_C1 Datasheet HTML 111Page - Altera Corporation PLL2_C1 Datasheet HTML 112Page - Altera Corporation PLL2_C1 Datasheet HTML 113Page - Altera Corporation PLL2_C1 Datasheet HTML 114Page - Altera Corporation PLL2_C1 Datasheet HTML 115Page - Altera Corporation PLL2_C1 Datasheet HTML 116Page - Altera Corporation PLL2_C1 Datasheet HTML 117Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–15
Termination Scheme for I/O Standards
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Differential I/O Standard Termination
Differential I/O standards typically require a termination resistor between the two
signals at the receiver. The termination resistor must match the differential load
impedance of the bus (Figure 6–8 and Figure 6–9).
The Cyclone III device family supports differential SSTL-2 and SSTL-18, differential
HSTL-18
, HSTL-15, and HSTL-12, PPDS, LVDS, RSDS, mini-LVDS, and
differential LVPECL
.
Figure 6–8. Cyclone III Device Family Differential HSTL I/O Standard Termination
External
On-Board
Termination
OCT
Transmitter
Receiver
VTT
VTT
Transmitter
Receiver
VTT
VTT
Cyclone III Device
Family Series OCT
50
Differential HSTL
Termination
Figure 6–9. Cyclone III Device Family Differential SSTL I/O Standard Termination (1)
Note to Figure 6–9:
(1) Only Differential SSTL-2 I/O standard supports Class II output.
Differential SSTL Class I
Differential SSTL Class II
External
On-Board
Termination
OCT
Transmitter
Receiver
50
50
50
50

VTT
VTT
25
25
Transmitter
Receiver
50
50
50
50
VTTVTT
25
25
50
50
VTT VTT
Transmitter
Receiver
50
50

50
50
VTT
VTT
50
 50 
VTT
VTT
Cyclone III Device
Family Series OCT
25
Transmitter
Receiver
50
50
50
50
VTT
VTT
50
Cyclone III Device
Family Series OCT
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com