Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 6 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 2Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 3Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 4Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 5Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 6Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 7Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 8Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 9Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Si3226/7
Si3208/9
6
Preliminary Rev. 0.33
Table 4. AC Characteristics
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
2.5
—
—
VPK
Overload Compression
2-Wire – PCM
Figure 6
—
—
Single Frequency Distortion1
2-Wire – PCM or PCM – 2-Wire:
200Hz to 3.4kHz
——
–65
dB
PCM – 2-Wire – PCM:
200 Hz – 3.4 kHz,
16-bit Linear mode
——
–65
dB
Signal-to-(Noise + Distortion)
Ratio2
200Hz to 3.4kHz
D/A or A/D 8-bit
Active off-hook, and OHT, any ZT
Figure 5
—
—
Audio Tone Generator Signal-to-
Distortion Ratio2
0 dBm0, Active off-hook, and
OHT, any ZT
46
—
—
dB
Intermodulation Distortion
—
—
–41
dB
Gain Accuracy2
2-Wire to PCM or PCM to 2-Wire
1014 Hz, Any gain setting
VDD1 –VDD4 = 3.3 V ± 5%
–0.2
—
0.2
dB
Attenuation Distortion vs. Freq.
0 dBm 0
See AN317
Group Delay vs. Frequency
Gain Tracking3
1014 Hz sine wave,
reference level –10 dBm
Signal level:
——
—
—
3 dB to –37 dB
—
—
0.25
dB
–37 dB to –50 dB
—
—
0.5
dB
–50 dB to –60 dB
—
—
1.0
dB
Round-Trip Group Delay
1014 Hz, Within same time-slot
—
450
500
µs
Crosstalk between channels
TX or RX to TX
TX or RX to RX
0dBm0,
300Hz to 3.4kHz
300Hz to 3.4kHz
—
—
—
—
–75
–75
dB
dB
2-Wire Return Loss4
200Hz to 3.4kHz
26
30
—
dB
Transhybrid Balance4
300Hz to 3.4kHz
26
30
—
dB
Noise Performance
Idle Channel Noise5
C-Message weighted
—
8
12
dBrnC
Psophometric weighted
—
–80
–78
dBmP
PSRR from VDD1–VDD4
RX and TX, dc to 3.4 kHz
40
—
—
dB
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be –10 dBm0. The output signal magnitude at any other frequency is smaller than the maximum value specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
4. VDD1–VDD4 = 3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 Ω, ZS =600 Ω synthesized using RS register
coefficients.
5. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com