Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 8 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 4Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 5Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 6Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 7Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 8Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 9Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 10Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 11Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Si3226/7
Si3208/9
8
Preliminary Rev. 0.33
Table 5. Linefeed Characteristics
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Maximum Loop Resistance
RLOOP
RDC,MAX =430 Ω
ILOOP =18 mA, VBAT = –52V
—
—
2000
Ω
DC Loop Current Accuracy
ILIM =18mA
—
—
10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC =48V,
VTIP – VRING
——
4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
—
640
Ω
DC On-Hook Voltage
Accuracy—Ground Start
VOHTO
IRING<ILIM; VRING wrt ground,
VRING =–51 V
——
4
V
DC Output
Resistance—Ground Start
RROTO
IRING<ILIM; RING to ground
160
—
640
Ω
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
400
—
—
k
Ω
Loop Closure Detect
Threshold Accuracy
ITHR =13mA
—
—
10
%
Ground Key Detect
Threshold Accuracy
ITHR =13mA
—
—
10
%
Ring Trip
Threshold Accuracy
AC detection,
VRING = 70 Vpk, no offset,
ITH =80mA
——
4
mA
DC detection,
20 V dc offset, ITH =13mA
——
1
mA
DC Detection,
48 V DC offset, Rloop = 1500 Ω
——
3
mA
Ringing Amplitude
VRING
Open circuit, VBAT =–110V
108
—
—
VPK
5 REN load, RLOOP =0 Ω,
VBAT =–110 V, RDO =160 Ω
99
—
—
VPK
Open Circuit, VBAT = –135 V
133
—
—
VPK
5 REN load, RLOOP =0 Ω,
VBAT = –130 V, RDO =160 Ω
121
—
—
VPK
Sinusoidal Ringing Total
Harmonic Distortion
RTHD
—2
—
%
Ringing Frequency Accuracy
f = 16 Hz to 100 Hz
—
—
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF times
—
—
50
ms
Calibration Time
↑CAL to ↓CAL bit
—
—
TBD
ms
Loop Voltage Sense
Accuracy
Accuracy of boundaries for
each output Code;
VTIP – VRING =48 V
—2
4
%
*Note: Ringing amplitude is set for 93 V peak and measured at TIP-RING using no series protection resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com