Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 26 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 22Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 23Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 24Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 25Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 26Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 27Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 28Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Si3226/7
Si3208/9
26
Preliminary Rev. 0.33
If the Si3226/7 detects a fault condition or overpower
condition on any channel, it automatically sets that
channel to the open state and generates a "power
alarm" interrupt. The interrupt can be masked, but the
automatic transition to open cannot be masked. The
various power alarms and linefeed faults supporting
automatic intervention are described below.
1. LFIC total power exceeded.
2. Power exceeded in one or more transistors of a LFIC
internal transistor group (if capable of measuring
individual power consumption).
3. Excessive foreign current or voltage on TIP and/or
RING.
4. LFIC thermal shutdown event; this event is
automatically performed, and no intervention by the
Si3226/7 is required.
4.5. Thermal Overload Shutdown
If the LFIC die temperature exceeds the maximum
junction temperature threshold, TJmax, of 145 °C or
200 ºC or other programmed temperature threshold
range, the LFIC has the ability to shut itself down to a
low-power state without any assistance from the
Si3226/7. The thermal shutdown circuit contains a
sufficient amount of hysteresis and/or turn-on delay time
so as to remain shut down during a power cross event,
where 50 Hz or 60 Hz, 600 V, is connected to TIP and/
or RING.
4.6. Power Dissipation Considerations
The Dual ProSLIC is designed to source loops up to
20 kft as well as short loop applications. The LFIC
provides all battery sourcing functions and is, therefore,
the determining factor regarding power dissipation in a
specific application. The Dual ProSLIC provides an on-
chip dc-dc controller that can dynamically reduce the
battery supply to ideally match the required line feed
voltage.
4.7. Loop Closure Detection
The Dual ProSLIC provides a completely programmable
loop closure detection mechanism. The loop closure
detection scheme provides two unique thresholds to
allow hysteresis, and also includes a programmable
debounce filter to eliminate false detection. A loop
closure detect status bit provides continuous status, and
a maskable interrupt bit is also provided.
Table 16. Linefeed Operating States
Linefeed State
Description
Open
Output is high-impedance, and all line supervision functions are powered down. Audio is
powered down. This is the default state after powerup or following a hardware reset. This
state can also be used in the presence of line fault conditions and to generate open switch
intervals (OSIs). This state is used in line diagnostics mode as a high-Z state during line-
feed testing. A power fault condition may also force the device into the open state.
Forward Active
Reverse Active
Linefeed circuitry and audio are active. In Forward Active state, the TIP lead is more posi-
tive than the RING lead; in Reverse Active state, the RING lead is more positive than the
TIP lead. Loop closure and ground key detect circuitry are active.
Forward OHT
Reverse OHT
Provides data transmission during an on-hook loop condition (e.g., transmitting caller ID
data between ringing bursts). Linefeed circuitry and audio are active. In Forward OHT
state, the TIP lead is more positive than the RING lead; in Reverse OHT state, the RING
lead is more positive than the TIP lead.
TIP Open
Provides an active linefeed on the RING lead and sets the TIP lead to high impedance
(>400 k
Ω) for ground start operation in forward polarity. Loop closure and ground key
detect circuitry are active.
RING Open
Provides an active linefeed on the TIP lead and sets the RING lead to high impedance
(>400 k
Ω) for ground start operation in reverse polarity. Loop closure and ground key
detect circuitry are active.
Ringing
Drives programmable ringing signal onto TIP and RING leads with or without dc offset.
Line Diagnostics
The channel selected is put into diagnostic mode. In this mode, the selected channel has
special diagnostic resources available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com