Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 25 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 21Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 22Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 23Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 24Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 25Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 26Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 27Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 28Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Preliminary Rev. 0.33
25
Si3226/7
Si3208/9
4. Functional Description
The Dual ProSLIC® chipset includes the Si3226/7 low-
voltage IC and the Si3208/9 high-voltage linefeed IC.
The Dual ProSLIC provides all SLIC, codec, DTMF
detection, and signal generation functions needed for
two complete analog telephone interfaces. The Dual
ProSLIC performs all battery, over-voltage, ringing,
supervision, codec, hybrid, and test (BORSCHT)
functions; it also supports extensive metallic loop testing
capabilities.
The Si3226 provides a standard voice-band (200 Hz–
3.4 kHz) audio codec. The Si3227 provides an audio
CODEC with both wideband (50 Hz–7 kHz) and
standard voice-band (200 Hz– 3.4 kHz) modes. The
wideband mode provides an expanded audio band with
a 16 kHz sample rate for enhanced audio quality while
the standard voice-band mode provides standard
telephony audio compatibility. The Si3226/7 provides
two independent, programmable, dc-dc converter
controllers, each of which reacts to line conditions to
provide the optimal battery voltage required for each
line-state.
The linefeed chips (Si3208/9) provide programmable
on-hook voltage, programmable off-hook loop current,
reverse battery operation, loop or ground start
operation, and on-hook transmission. Loop current and
voltage are continuously monitored using an A/D
converter in the Si3226/7. The Si3208 supports battery
voltages up to 110 V, sufficient for most ringing signals.
The Si3209 supports battery voltages up to 130 V for
higher-voltage ringing applications.
The Dual ProSLIC supports balanced 5 REN ringing
with or without a programmable dc offset. The available
offset, frequency, waveshape, and cadence options are
designed to ring the widest variety of terminal devices
and to reduce external controller requirements.
A complete audio transmit and receive path is
integrated, including ac impedance and hybrid gain.
These features are software-programmable, allowing a
single hardware design to meet global requirements.
Digital voice data transfer occurs over a standard PCM
bus. Control data is transferred using a standard SPI.
The Si3226/7 is available in a 64-pin TQFP; the Si3208
is available in a 32-pin QFN, and the Si3209 is available
in a 40-pin QFN or a 48-pin eTQFP.
4.1. DC Feed Characteristics
Dual ProSLIC internal linefeed circuitry provides
completely programmable dc feed characteristics.
Linefeed
characteristics
for
each
channel
are
independently configurable.
When in the active state, each ProSLIC channel
operates in one of three dc linefeed operating regions: a
constant-voltage region, a constant-current region, or a
resistive region, as shown in Figure 11. The constant-
voltage region has a low resistance, typically 160
Ω.
The constant-current region approximates infinite
resistance.
Figure 11. Dual ProSLIC DC Feed
Characteristics
4.2. Linefeed Operating States
The linefeed interface includes eight different register-
programmable operating states as listed in Table 16.
The Open state is the default condition in the absence
of any preloaded register settings. The device may also
automatically enter the open state in the event of a
linefeed fault condition.
4.3. Line Voltage and Current Monitoring
The Dual ProSLIC continuously monitors the TIP, RING,
and battery voltages and currents via an on-chip ADC
and stores the resulting values in individual register
addresses. Additionally, the loop voltage (VTIP–VRING),
loop current, and longitudinal current values are
calculated based on the TIP and RING measurements
and are stored in unique register locations for further
processing. The ADC updates all registers at a rate of
2 kHz or greater.
4.4. Power Monitoring and Power Fault
Detection
The Dual ProSLIC's line monitoring functions are used
to continuously protect the linefeed IC (LFIC) against
excessive power conditions. The LFIC contains an on-
chip, analog sensing diode that provides real-time
temperature data to the Si3226/7 and turns off the LFIC
when a preset threshold is exceeded. The LFIC status
is reflected in a Si3226/7 register bit.
ILOOP (mA)
I_RFEED
VTR(V)
I_ILIM
I_VLIM
Resistive Region
Constant V Region
V_VLIM
V_RFEED
V_ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com