Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 35 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 33Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 34Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 35Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 36Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 37Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 38Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
35
Table 19. 64-Pin TQFP Package Dimensions
Dimension
Min
Nom
Max
A—
—
1.20
A1
0.05
—
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
c
0.09
—
0.20
D
12.00 BSC.
D1
10.00 BSC.
e
0.50 BSC.
E
12.00 BSC.
E1
10.00 BSC.
L
0.45
0.60
0.75
aaa
—
—
0.20
bbb
—
—
0.20
ccc
—
—
0.08
ddd
—
—
0.08
Q0
°
3.5
°
7
°
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and tolerancing per ANSI Y14.5M-1994.
3. This package outline conforms to JEDEC MS-026, variant ACD.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020C
specification for small body components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com