Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 14 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 10Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 11Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 12Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 13Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 14Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 15Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 16Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 17Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Si3226/7
Si3208/9
14
Preliminary Rev. 0.33
Figure 3. GCI Highway Interface Timing Diagram (2.048 MHz PCLK Mode)
Figure 4. GCI Highway Interface Timing Diagram (4.096 MHz PCLK Mode)
tsu1
t
h1
t
p
t
r
t
f
t
h2
t
d3
t
d2
t
d1
PCLK
FSYNC
DRX
DTX
t
fs
t
su2
Frame 0,
Bit 0
Frame 0,
Bit 0
t
su1
t
h1
t
c
t
r
t
f
t
su2
t
h2
t
d3
t
d2
t
d1
PCLK
FSYNC
DRX
DTX
t
fs
Frame 0,
Bit 0
Frame 0,
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com