Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 28 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 24Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 25Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 26Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 27Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 28Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Si3226/7
Si3208/9
28
Preliminary Rev. 0.33
4.17. SPI Control Interface
The controller interface to the Dual ProSLIC is a 4-wire
interface modeled after microcontroller and serial
peripheral devices. The interface consists of a clock
(SCLK), chip select (CS), serial data input (SDI), and
serial data output (SDO). In addition, the Dual ProSLIC
devices feature a serial data through output (SDITHRU)
to support operation of up to eight devices (up to 16
channels) using a single chip select line. The device
operates with both 8-bit and 16-bit SPI controllers.
4.18. PCM Interface and Companding
The Dual ProSLIC contains a flexible, programmable
interface for the transmission and reception of digital
PCM samples. PCM data transfer is controlled by the
PCM clock (PCLK) and frame sync (FSYNC) inputs as
well as the PCM Mode Select, PCM Transmit Start, and
PCM Receive Start settings.
The interface can be configured to support from four to
128
8-bit
time
slots
in
each
125 µs
frame,
corresponding to a PCM clock (PCLK) frequency range
of 256 kHz to 8.192 MHz. 1.544 MHz is also supported.
The Dual ProSLIC supports both µ-255 Law (µ-Law)
and A-law companding formats in addition to 16-bit
linear data mode with no companding.
4.19. General Circuit Interface
The
Dual
ProSLIC
supports
an
alternative
communication interface to the SPI and PCM control
and data interface. The General Circuit Interface (GCI)
is used for transmission and reception of both control
and data information onto a GCI bus. The PCM and GCI
interfaces are both 4-wire interfaces and share the
same pins. In GCI mode, the four-wire SPI control
interface is used as hard-wired channel selector pins.
The selection between PCM and GCI modes is
performed when coming out of reset using the
SDITHRU pin.
4.20. Metallic Loop Testing
The Dual ProSLIC includes the ability to detect multiple
fault conditions within the line card as well as on the T/R
pair.
1. Hazardous Potential Test—This test checks for ac
voltage >50 Vrms or dc voltage >135 V on T-G or R-
G. If a hazardous voltage is encountered, test access
MUST release within two seconds of the time when it
was initiated using a preset threshold.
2. Foreign ElectroMotive Force Test—Checks T-G or
R-G for ac voltage >10 Vrms, dc voltage >6 V. Uses
same threshold as for hazardous voltage test.
3. Resistive Faults Test—Checks for dc resistance from
T-R, T-G or R-G. Any measurement <150 k
Ω is
considered a resistive fault.
4. Receiver-Off-Hook Test—Distinguishes between a
T-R resistive fault and an off-hook condition.
5. Ringers Test—Checks for the presence of REN
across T-R. Result are >0.175REN and <5REN for a
valid load.
6. AC Line Impedance (line length)—T-R, T-G, and
R-G. Generate a tone at several specific frequencies
(audio band) and measure the reflected signal
amplitude (complex spectrum) that comes back (with
transhybrid balance filter disabled). The reflected
signal is then used to calculate the line impedance
based on certain assumptions of wire gauge, etc.
7. Line Capacitance—T-R, T-G, R-G. Generate a linear
ramp function with polarity reversal, and measure
the time constant.
8. Ringer Capacitance—This test uses the same
procedure as the ringer test above but also
measures the V/I phase relationship of the received
signal (dc path) and then subtracts the delay to
calculate the ringer capacitance.
9. Ringing Voltage Verification—Uses current voltage
sensing capability.
10.Test-In Diagnostics—The Dual ProSLIC can switch
in a preset load impedance to test the SLIC/codec
functionality using a known set of conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com