Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 12 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 8Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 9Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 10Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 11Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 12Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 13Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 14Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 15Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Si3226/7
Si3208/9
12
Preliminary Rev. 0.33
Table 11. Switching Characteristics—PCM Highway Interface
(VDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade, CL =20pF)
Parameter
Symbol
Test
Conditions
Min1
Typ1
Max1
Units
PCLK Period
tp
122
—
3906
ns
Valid PCLK Inputs
—
—
—
—
—
—
—
—
512
768
1.024
1.536
1.544
2.048
4.096
8.192
—
—
—
—
—
—
—
—
kHz
kHz
MHz
MHz
MHz
MHz
MHz
MHz
FSYNC Period2
tfs
—125
—
µs
PCLK Duty Cycle Tolerance
tdty
40
50
60
%
FSYNC Jitter Tolerance
tjitter
—
—
±120
ns
Rise Time, PCLK
tr
—
—
25
ns
Fall Time, PCLK
tf
—
—
25
ns
Delay Time, PCLK Rise to DTX Active
td1
—
—
20
ns
Delay Time, PCLK Rise to DTX
Transition
td2
—
—
20
ns
Delay Time, PCLK Rise to DTX
Tristate3
td3
—
—
20
ns
Setup Time, FSYNC to PCLK Fall
tsu1
25
—
—
ns
Hold Time, FSYNC to PCLK Fall
th1
20
—
—
ns
Setup Time, DRX to PCLK Fall
tsu2
25
—
—
ns
Hold Time, DRX to PCLK Fall
th2
20
—
—
ns
FSYNC Pulse Width
twfs
tp
—125 µs–tp
Notes:
1. All timing is referenced to the 50% level of the waveform. Input test levels are VIH – VI/O –0.4 V, VIL =0.4 V.
2. FSYNC source is assumed to be 8 kHz under all operating conditions.
3. Spec applies to PCLK fall to DTX tristate when that mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com