Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 33 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 33Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 34Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 35Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 36Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
33
7. Ordering Guide
Device
Description
Wideband
Audio
Package
Temp Range
Si3226-X-FQ
Dual ProSLIC
No
TQFP-64
0 to 70 °C
Si3226-X-GQ
Dual ProSLIC
No
TQFP-64
–40 to 85 °C
Si3227-X-FQ
Dual ProSLIC
Yes
TQFP-64
0 to 70 °C
Si3227-X-GQ
Dual ProSLIC
Yes
TQFP-64
–40 to 85 °C
Si3208-X-FM
110 V Dual LFIC
—
QFN-40
0 to 70 °C
Si3208-X-GM
110 V Dual LFIC
—
QFN-40
–40 to 85 °C
Si3209-X-FM
135 V Dual LFIC
—
QFN-40
0 to 70 °C
Si3209-X-GM
135 V Dual LFIC
—
QFN-40
–40 to 85 °C
Notes:
1. All devices are lead-free and RoHS compliant.
2. “X” denotes product revision (A, B, C, etc.).
3. Add an R at the end of the device to denote tape and reel options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com