Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 30 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 26Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 27Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 28Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 33Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Si3226/7
Si3208/9
30
Preliminary Rev. 0.33
33
DTXEN
O
Transmit PCM Enable Output.
34
DTX
O
Transmit PCM Data Output.
35
DRX
I
Receive PCM Data Input.
36
INT
O
Interrupt Output.
37
RST
I
Reset Input.
38
VDDREG
I/O
Regulated Core Power Supply.
39
GPIO1b / STIPCb / TRD1b
I/O
General Purpose I/O / TIP Course Sense Input / Test Relay
Driver.
40
GPIO2b / SRINGCb /
TRD2b
I/O
General Purpose I/O / TIP Course Sense Input / Test Relay
Driver.
41
GPIO3b / PWROb
I/O
General Purpose I/O / Power Offloading Output.
42
SVBATb
I
Battery Sensing Input.
43
CAPMb
I/O
Differential Loop Filter Capacitor-Negative Term.
44
CAPPb
I/O
Differential Loop Filter Capacitor-Positive Term.
45
STIPDCb
I
TIP DC Sense Input.
46
STIPACb
I
TIP AC Sense Input.
47
SRINGACb
I
RING AC Sense Input.
48
SRINGDCb
I
RING DC Sense Input.
49
DRINGb
O
RING Pull-Down Current Driver Output.
50
URINGb
O
RING Pull-Up Current Driver Output.
51
DTIPb
O
TIP Pull-Down Current Driver Output.
52
UTIPb
O
TIP Pull-Up Current Driver Output.
53
IBIASb
O
Line Driver IC Bias Current Output.
54
CAPLB
O
Longitudinal Balance Calibration Capacitor.
55
IREF
I
Current Reference Input.
56
QGND
I
Quiet Ground Reference Input.
57
GNDA
GND
Analog Ground.
58
VDDA
PWR
Analog Supply Voltage.
59
ISNS
I/O
Line Current Sense Input.
60
IBIASa
O
Line Driver IC Bias Current Output.
61
UTIPa
O
TIP Pull-Up Current Driver Output.
62
DTIPa
O
TIP Pull-Down Current Driver Output.
63
URINGa
O
RING Pull-Up Current Driver Output.
64
DRINGa
O
RING Pull-Down Current Driver Output.
Table 17. Si3226/7 Pin Descriptions (Continued)
Pin
Number
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com