Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 31 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 27Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 28Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 33Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 34Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
31
6. Pin Descriptions: Si3208/9
Table 18. Si3208/9 Pin Descriptions
QFN Pin #
Symbol
I/O
Description
1
IC
Internal connection; leave to float.
2
NC
No Connect.
3
RING_1
I/O
Ring Channel 1 Input/Output.
4
NC
No Connect.
5
TIP_1
I/O
Tip Channel 1 Input/Output.
6
NC
No Connect.
7
IC
Internal connection; leave to float.
8
IRINGN_1
I
Negative Ring Current Control Channel 1 Input.
9
IRINGP_1
I
Positive Ring Current Control Channel 1 Input.
10
ITIPN_1
I
Negative Tip Current Control Channel 1 Input.
11
ITIPP_1
I
Positive Tip Current Control Channel 1 Input.
12
IBIAS_1
I
Current Bias Channel 1 Input.
13
ISNS
O
Current Sense Output.
14
VDD
I
IC Supply Voltage Input.
15
HVCLK_1
I
High-Voltage IC Clock Channel 1 Input.
16
HVDATA
I/O
High-Voltage IC Data Input/Output.
17
HVCLK_2
I
High-Voltage IC Clock Channel 2 Input.
18
DGND
I
Digital Ground.
19
IBIAS_2
I
Current Bias Channel 2 Input.
20
ITIPP_2
I
Positive Tip Current Control Channel 1 Input.
21
ITIPN_2
I
Negative Tip Current Control Channel 2 Input.
22
IRINGP_2
I
Positive Ring Current Control Channel 2 Input.
23
IRINGN_2
I
Negative Ring Current Control Channel 2 Input.
24
IC
Internal connection; leave to float.
25
NC
No Connect.
26
TIP_2
I/O
Tip Channel 2 Input/Output.
27
NC
No Connect.
28
RING_2
I/O
Ring Channel 2 Input/Output.
29
NC
No Connect.
30
IC
Internal connection; leave to float.
31
IC
Internal connection; leave to float.
32
VBAT_2
I
Operating Battery Voltage Channel 2 Input.
33
NC
No Connect.
34
IC
Internal connection; leave to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com