Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2.5X6.3MM-RAD Datasheet(PDF) 29 Page - Silicon Laboratories

Part # C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 25Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 26Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 27Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 28Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
29
5. Pin Descriptions: Si3226/7
Table 17. Si3226/7 Pin Descriptions
Pin
Number
Symbol
I/O
Description
1
SRINGDCa
I
RING DC Sense Input.
2
SRINGACa
I
RING AC Sense Input.
3
STIPACa
I
TIP AC Sense Input.
4
STIPDCa
I
TIP DC Sense Input.
5
CAPPa
I/O
Metallic Loop Filter Capacitor-Positive Terminal.
6
CAPMa
I/O
Metallic Loop Filter Capacitor-Negative Terminal.
7
SVBATa
I
Battery Sensing Input.
8
SVDC
I
DC-DC Input Power Rail Sensor.
9
GPIO3a / PWROa
I/O
General Purpose I/O / Power Offloading Output.
10
GPIO2a / SRINGCa /
TRD2a
I/O
General Purpose I/O / TIP Course Sense Input / Test Relay
Driver.
11
GPIO1a / STIPCa / TRD1a
I/O
General Purpose I/O / TIP Course Sense Input / Test Relay
Driver.
12
CS
I
Chip Select Input.
13
FSYNC
I
Frame Sync Clock Input.
14
SDI
I
Serial Port Data Input.
15
HVCLKa
O
Line-Driver IC Clock Output.
16
SCLK
I
Serial Port Bit Clock Input.
17
HVDATA
O
Line-Driver IC Data Output
18
SDITHRU
O
Serial Data Daisy Chain Output.
19
SDO
O
Serial Port Data Output.
20
DCFFa
I/O
DC-DC BJT Drive Monitor.
21
SDCHa
I
DC-DC Current Monitor Input-High Terminal.
22
SDCLa
I
DC-DC Current Monitor Input-Low Terminal.
23
DCDRVa
I/O
DC-DC Drive Output.
24
VDDC
PWR
DC-DC Switch Driver Power Supply.
25
DCDRVb
O
DC-DC Drive Output.
26
SDCLb
I
DC-DC Current Monitor Input-Low Terminal.
27
SDCHb
I
DC-DC Current Monitor Input-High Terminal.
28
DCFFb
I/O
DC-DC BJT Drive Monitor.
29
GNDD
GND
Digital Ground.
30
VDDD
PWR
Digital Supply Voltage.
31
PCLK
I
PCM Bus Clock Input.
32
HVCLKb
O
Line-Driver IC Clock Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com