Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 3Page - STMicroelectronics SPMD150STP Datasheet HTML 4Page - STMicroelectronics SPMD150STP Datasheet HTML 5Page - STMicroelectronics SPMD150STP Datasheet HTML 6Page - STMicroelectronics SPMD150STP Datasheet HTML 7Page - STMicroelectronics SPMD150STP Datasheet HTML 8Page - STMicroelectronics SPMD150STP Datasheet HTML 9Page - STMicroelectronics SPMD150STP Datasheet HTML 10Page - STMicroelectronics SPMD150STP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SPMD150STP
Electrical characteristics
Doc ID 17160 Rev 1
7/23
3
Electrical characteristics
TA = 25 °C and VS = 24 V, VSS = 5 V unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
Power stage
VS
DC supply voltage
10
42
V
IS
Quiescent supply current (pin19)
All bridges
5
10
mA
VSth(ON)
Turn-on Input threshold
6.6
7
7.4
V
VSth(OFF)
Turn-off Input threshold
5.6
6
6.4
V
ΔV
VS-PH
Output voltage drop (VS to pins
15,16,17,18)
Io = -1.5A
0.9
V
ΔV
PH-GND
Output voltage drop (Pins15,16,17,18 to
GND2)
Io = 1.5A
1.1
V
Io
Phase average working current
±1.5
A
Protections block
Io-sc
Phase short circuit current
Internally limited by overcurrent
protection
(Figure 7)
45.6
7.1
A
tOCD(ON)
Overcurrent detection turn-on delay time (Figure 7)200
ns
tOCD(OFF) Overcurrent detection turn-off delay time (Figure 7)100
ns
Tj(OFF)
Junction shutdown temperature
165
°C
Logic interface
VSS
DC logic supply voltage
3.0
5
5.25
V
ISS
Quiescent supply current (pin 1)
All inputs open
1.2
mA
VIL
Low level input voltage
Pin 5,9,10
VSS = 3 to 5.25V
-0.3
0.8
V
VIH
High level input voltage
Pin 5,9,10
VSS=3 to 5.25V
2Vss
V
Vth(ON)
Turn-on input threshold
Pin 3,4,8 VSS=3 to 5.25V
(Figure 1, 2, 3, 4)
1.8
2.0
V
Vth(OFF)
Turn-off input threshold
Pin 3,4,8 VSS=3 to 5.25V
(Figure 1, 2, 3, 4)
0.8
1.3
V
Vth(HYS)
Input threshold hysteresis
Pin 3,4,8 VSS=3 to 5.25V
(Figure 1, 2, 3, 4)
0.25
0.5
V
IIL
Low level Input current
Pin 3,4,5,8,9,10
-0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com