Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 14Page - STMicroelectronics SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics SPMD150STP Datasheet HTML 18Page - STMicroelectronics SPMD150STP Datasheet HTML 19Page - STMicroelectronics SPMD150STP Datasheet HTML 20Page - STMicroelectronics SPMD150STP Datasheet HTML 21Page - STMicroelectronics SPMD150STP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Function description and application information
SPMD150STP
18/23
Doc ID 17160 Rev 1
The clock pulse, with the HALF/FULL input high, advances the state machine from state 1 to
either state 2 or 8 depending on the CW/CCW input.
Starting from this point, keeping the HALF/FULL input low, the state machine will advance
following the sequence 2,4,6,8,… if CW/CCW is high (Clockwise movement) or 8,6,4,2,… if
CW/ CCW is low (Counterclockwise movement).
Figure 19.
Wave drive mode
4.5.4
Microstepping
STMD150STP has two separate control current loop, with the possibility to set the current
level in an independent way (by means VREFA and VREFB); this feature make possible the
actuation of the micro-stepping mode.
Micro-stepping mode is a full step mode performed with a not fixed current in the motor
phases, but with a current varying in a sinusoidal mode;
that means the current flowing in the motor is not a square wave, but a sinusoidal wave.
Main commands remain the same, but during the period of each clock step, VREFA and
VREFB are incremented or decremented through a defined number of level, this number
gives the name to the micro-stepping granularity;
as example, a 64 micro-step per step means that, for each “standard” step there are 64 step
values on VREFA/B (from zero to VREFA/B max and from VREFB/A max to zero, see
Figure 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com