Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 11Page - STMicroelectronics SPMD150STP Datasheet HTML 12Page - STMicroelectronics SPMD150STP Datasheet HTML 13Page - STMicroelectronics SPMD150STP Datasheet HTML 14Page - STMicroelectronics SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics SPMD150STP Datasheet HTML 18Page - STMicroelectronics SPMD150STP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SPMD150STP
Function description and application information
Doc ID 17160 Rev 1
15/23
Figure 14.
VREFx from internal source
4.4
Decay modes
The CONTROL input is used to select the behavior of the bridge during the off time. When
the CONTROL pin is low, the fast decay mode is selected and both transistors in the bridge
are switched off during the off time.
When the CONTROL pin is high, the slow decay mode is selected and only the low side
transistor of the bridge is switched off during the off time.
Figure 15 shows the operation of the bridge in the fast decay mode. At the start of the off
time, both of the power MOSFETs are switched off and the current recirculates through the
two opposite free wheeling diodes. The current decays with a high di/dt, since the voltage
across the coil is essentially the power supply voltage. After the dead time, the lower power
MOSFET in parallel with the conducting diode is turned on in synchronous rectification
mode. In applications where the motor current is low it is possible that the current can decay
completely to zero during the off time. At this point if both of the power MOS were operating
in the synchronous rectification mode it would then be possible for the current to build in the
opposite direction. To prevent this only the lower power MOS is operated in synchronous
rectification mode. This operation is called quasi-synchronous rectification mode. When the
mono-stable circuit times out, the power FETs are turned on again after some delay set by
the dead time to prevent cross conduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com