Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 10Page - STMicroelectronics SPMD150STP Datasheet HTML 11Page - STMicroelectronics SPMD150STP Datasheet HTML 12Page - STMicroelectronics SPMD150STP Datasheet HTML 13Page - STMicroelectronics SPMD150STP Datasheet HTML 14Page - STMicroelectronics SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics SPMD150STP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Function description and application information
SPMD150STP
14/23
Doc ID 17160 Rev 1
Figure 12.
VREFA and VREFB internal connection
The voltage at VREFA and VREFB can be supplied in two way:
Using an external source (see Figure 13), driving VREFA and VREFB pins together or
separately as in the micro-stepping mode (i.e: a micro-controller fixes a variable voltage
to get variable current in the stepper motor phases).
Figure 13.
VREFx from an external source
Using the module reference voltage source, REF (pin2) (see Figure 14), which supplies
1.225 V. The REF pin has a 10 k
Ω resistor in series, take that in account during design.
In this case a proper resistor Rx must be connected between REF and GND1, VREFA
and VREFB will be connected together to REF pin (see Figure 14).
Use following equation to calculate Rx:
Rx = (500 x IOUTx) / [319 - (60 x IOUTx)] [kΩ]
where IOUTx = [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com