Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics SPMD150STP Datasheet HTML 18Page - STMicroelectronics SPMD150STP Datasheet HTML 19Page - STMicroelectronics SPMD150STP Datasheet HTML 20Page - STMicroelectronics SPMD150STP Datasheet HTML 21Page - STMicroelectronics SPMD150STP Datasheet HTML 22Page - STMicroelectronics SPMD150STP Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Function description and application information
SPMD150STP
20/23
Doc ID 17160 Rev 1
An internal100 k
Ω resistor plus a 100 nF capacitor connected to the EN pin, seta 400 µs off
time, before recovering normal operation (see Figure 9 and Figure 21).
Figure 21.
Overcurrent protection waveforms
4.7
Thermal characteristics
The case-to-ambient thermal resistance is 8 °C/W. This produces a 40 °C temperature
increase of the module surface for 5 W of internal dissipation.
According to ambient temperature and/or to maximum case operating temperature (85 °C),
an additional heat sink or forced ventilation may be required.
4.8
Case grounding
The module case is internally connected to GND1 (pin13) and GND2 (pin14). To obtain
additional effective EMI shield, the PCB area below the module can be used as an effective
sixth side shield.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com