Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 8Page - STMicroelectronics SPMD150STP Datasheet HTML 9Page - STMicroelectronics SPMD150STP Datasheet HTML 10Page - STMicroelectronics SPMD150STP Datasheet HTML 11Page - STMicroelectronics SPMD150STP Datasheet HTML 12Page - STMicroelectronics SPMD150STP Datasheet HTML 13Page - STMicroelectronics SPMD150STP Datasheet HTML 14Page - STMicroelectronics SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Function description and application information
SPMD150STP
12/23
Doc ID 17160 Rev 1
Figure 8.
Logic inputs internal structure
Figure 9.
EN pin open collector driving
4.3
PWM current controller
The control block is composed by a constant Off-time PWM current controller for both two
bridges. The current control circuit senses the bridge current, by sensing the voltage drop
across a sense resistor connected between the source of the two lower power MOSFETs
and ground. As the current in the motor buildup, the voltage across the sense resistor
increases proportionally. When the voltage on the sense resistor becomes greater than the
voltage at the reference inputs VREFA (pin6) or VREFB (pin11), the sense comparator
triggers a mono-stable circuit, switching the bridge off.
The bridge MOSFETs remain off for the time set by pin RCA (pin7) or RCB (pin12);
during this Off-time (see Figure 11, toff versus Roff and Coff), the motor phase current re-
circulates as defined by the selected decay mode, described in the next section. When the
mono-stable circuit times out, the bridge will turn on again. Since the internal dead time tDT,
used to prevent cross conduction in the bridge, delays the turn on of the power MOSFETs,
the effective Off-time is the sum of the mono-stable time plus the tDT (1µs). To set the toff
relative to Bridge A, it is necessary to connect a proper resistor Ra and/or a proper capacitor
Ca in parallel between pin RCA and GND1, see Figure 10 and Figure 11; To set the toff
relative to Bridge B, it is necessary to connect a proper resistor Rb and/or a proper capacitor
Cb in parallel between pin RCB and GND1, see Figure 10 and Figure 11; A 56 k
Ω resistor
and a 470 pF capacitor are already present between pin RCA/B and GND1 inside the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com