Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 13Page - STMicroelectronics SPMD150STP Datasheet HTML 14Page - STMicroelectronics SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics SPMD150STP Datasheet HTML 18Page - STMicroelectronics SPMD150STP Datasheet HTML 19Page - STMicroelectronics SPMD150STP Datasheet HTML 20Page - STMicroelectronics SPMD150STP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
SPMD150STP
Function description and application information
Doc ID 17160 Rev 1
17/23
Figure 17.
Half step mode
4.5.2
Normal drive mode (full-step two-phase-on)
A Low level on the HALF/FULL input selects the full step mode.
If the low level is applied when the state ma1chine is at an ODD numbered state, the normal
drive mode is selected.
Figure 18 shows the motor current waveform state diagram for the state machine of the
phase sequencer generator.
The normal drive mode can be selected easily, by holding the HALF/FULL input low and
applying a RESET. AT start -up or after a RESET the state machine is in state1.
After the HALF/FULL input is kept low, state changes following the sequence 1,3,5,7,… if
CW/CCW is high (Clockwise movement) or 1,7,5,3,… if CW/CCW is low (Counterclockwise
movement).
Figure 18.
Normal drive mode
4.5.3
Wave drive mode (full-step one-phase-on)
A low level on the pin HALF/FULL input selects the full step mode.
If the low level is applied when the state machine is at an EVEN numbered state, the wave
drive mode is selected.
Figure 19 shows the motor current waveform and the state diagram for the state machine of
the phase sequence generator.
To enter the wave drive mode the state machine must be in an EVEN numbered state.
An example of selecting the wave drive mode is the following:
to apply a RESET first;
keeping the HALF/FULL input high, to apply one pulse to the CLOCK input;
then, to apply the logic level Low to the HALF/FULL input.
This sequence first forces the state machine to sate 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com