Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 12Page - STMicroelectronics SPMD150STP Datasheet HTML 13Page - STMicroelectronics SPMD150STP Datasheet HTML 14Page - STMicroelectronics SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics SPMD150STP Datasheet HTML 18Page - STMicroelectronics SPMD150STP Datasheet HTML 19Page - STMicroelectronics SPMD150STP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Function description and application information
SPMD150STP
16/23
Doc ID 17160 Rev 1
Figure 15.
Fast decay mode output stage configurations
Figure 16 shows the operation of the bridge in the slow decay mode. At the start of the Off-
time, the lower power FET is switched off and the current recirculates around the upper half
of the bridge. Since the voltage across the coil is low, the current decays slowly. After the
dead time the upper power FET is operated in the synchronous rectification mode. When
the mono-stable circuit times out, the lower power FET is turned on again after some delay
set by the dead time to prevent cross conduction.
Figure 16.
Slow decay mode output stage configurations
4.5
Stepping sequence generation
The phase sequence generator is a state machine that provides the phase and the enable
inputs for the two bridges to drive a stepper motor in either full step or half step. Two full step
modes are possible, the normal drive mode where both phases are energized each step
and the wave drive mode where only one phase is energized at a time. The drive mode is
selected by the HALF/FULL input and the current state of the sequence generator as
described below. A rising edge of the CLOCK input advances the state machine to the next
state. The direction of rotation is set by the CW/CCW input. The RESET input resets the
state machine to Home State.
4.5.1
Half step mode
A logic level high on the HALF/FULL input selects half step mode. Figure 17 shows the
motor current waveforms and the state diagram for the phase sequencer generator. At start-
up or after a RESET the phase sequencer is at state 1, home state. After each clock pulse
the state changes following the sequence 1,2,3,4,5,6,7,8,… if CW/ CCW is high (Clockwise
movement) or 1,8,7,6,5,4,3,2,… if CW/CCW is low (Counterclockwise movement).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com