Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 4Page - STMicroelectronics SPMD150STP Datasheet HTML 5Page - STMicroelectronics SPMD150STP Datasheet HTML 6Page - STMicroelectronics SPMD150STP Datasheet HTML 7Page - STMicroelectronics SPMD150STP Datasheet HTML 8Page - STMicroelectronics SPMD150STP Datasheet HTML 9Page - STMicroelectronics SPMD150STP Datasheet HTML 10Page - STMicroelectronics SPMD150STP Datasheet HTML 11Page - STMicroelectronics SPMD150STP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
SPMD150STP
8/23
Doc ID 17160 Rev 1
IIH
High level Input current
Pin 3,4,5,8,9,10
10
uA
VREF
Reference output voltage (pin 2)
1.21 1.225 1.24
V
REF_res
Reference output resistance (pin2)
10
k
Ω
VREFx_res
Current setting input resistance (pin
6,11)
100
k
Ω
Timing definition
tD(ON)EN
Enable to output turn-on delay
Io=2.5A, resistive load
(Figure 3)
100
250
400
ns
tD(OFF)EN
Enable to output turn-off delay
Io=2.5A, resistive load
(Figure 3)
300
550
800
ns
tRISE
Output rise time
Io=2.5A, resistive load
(Figure 3)
40
250
ns
tFALL
Output fall time
Io=2.5A, resistive load
(Figure 3)
40
250
ns
tDCLK
Clock to output delay time
Io=2.5A, resistive load
(Figure 4)
2µs
tCLK(MIN)L Clock minimum low level time
(Figure 5)1
µs
tCLK(MIN)H Clock minimum high level time
(Figure 5)1
µs
fCLK
Clock frequency
50
kHz
tS(MIN)
Minimum set-up time
(Figure 6)1
µs
tH(MIN)
Minimum hold time
(Figure 6)1
µs
tR(MIN)
Minimum reset time
(Figure 6)1
µs
tRCLK(MIN) Minimum reset to clock delay time
(Figure 6)1
µs
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com