Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 9Page - STMicroelectronics SPMD150STP Datasheet HTML 10Page - STMicroelectronics SPMD150STP Datasheet HTML 11Page - STMicroelectronics SPMD150STP Datasheet HTML 12Page - STMicroelectronics SPMD150STP Datasheet HTML 13Page - STMicroelectronics SPMD150STP Datasheet HTML 14Page - STMicroelectronics SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SPMD150STP
Function description and application information
Doc ID 17160 Rev 1
13/23
module, fixing a typical 16 µs off time for both bridges. The toff value can be modified adding
a capacitor to GND1, increasing the off time, or adding a resistor to GND1 decreasing the
Off-time.
Figure 10.
toff setting circuit
Roff = Ra // 56k
Ω [kΩ], Coff = Ca + 470pF [pF]
Figure 11.
toff versus Roff and Coff
To set the maximum motor phase current it is necessary to give the proper reference voltage
at input VREFA (pin6) and VREFB (pin11).
The relationship between the voltage at VREFx pin and the phase current IOUTx is the
following:
IOUTx = VREFx / 0.192 [A]
An internal 100 k
Ω resistor and a 470 pF capacitor are connected in parallel between
VREFx and GND1 (see Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com