Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPMD150STP Datasheet HTML 15Page - STMicroelectronics SPMD150STP Datasheet HTML 16Page - STMicroelectronics SPMD150STP Datasheet HTML 17Page - STMicroelectronics SPMD150STP Datasheet HTML 18Page - STMicroelectronics SPMD150STP Datasheet HTML 19Page - STMicroelectronics SPMD150STP Datasheet HTML 20Page - STMicroelectronics SPMD150STP Datasheet HTML 21Page - STMicroelectronics SPMD150STP Datasheet HTML 22Page - STMicroelectronics SPMD150STP Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
SPMD150STP
Function description and application information
Doc ID 17160 Rev 1
19/23
Figure 20.
Microstepping
4.6
Non-dissipative overcurrent protection
The SPMD150STP integrates an overcurrent protection circuit.
This circuit provides protection against a short circuit to ground or between two phases of
the bridge.
To implement the over current detection, a sensing element that delivers a small but precise
fraction of the output current is implemented with each high side power MOSFET.
Since this current is a small fraction of the output current, there is very little additional power
dissipation.
This current is compared with an internal reference, when the output current reaches the
detection threshold (typically 5.6A) the OCP comparator signals a fault condition.
If a fault condition is detected, the EN pin is pulled below the turn off threshold (1.3V typical)
by an internal open drain MOSFET with a pull down capability of 4mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com