Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMD150STP Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPMD150STP
Description  1.5 A stepper motor driver module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMD150STP Datasheet(HTML) 5 Page - STMicroelectronics

  SPMD150STP Datasheet HTML 1Page - STMicroelectronics SPMD150STP Datasheet HTML 2Page - STMicroelectronics SPMD150STP Datasheet HTML 3Page - STMicroelectronics SPMD150STP Datasheet HTML 4Page - STMicroelectronics SPMD150STP Datasheet HTML 5Page - STMicroelectronics SPMD150STP Datasheet HTML 6Page - STMicroelectronics SPMD150STP Datasheet HTML 7Page - STMicroelectronics SPMD150STP Datasheet HTML 8Page - STMicroelectronics SPMD150STP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SPMD150STP
Block diagram and pin connection
Doc ID 17160 Rev 1
5/23
12
RCB
Phase C/D current controller -Time set pin.
Use this pin to set the desired Off-time of the switching current controller.
A 470pF capacitor and 56k
Ω resistor are internally connected between this pin
and GND1 (Pin13), giving a 16 µs -time.
13
GND1
Logic stage GND. Return path for the logic signals and VSS (pin1) supply
voltage.
14
GND2
Power stage GND. Return path for the power stage and VS (pin19) supply
voltage.
15
PHD
Phase D output
16
PHC
Phase C output
17
PHB
Phase B output
18
PHA
Phase A output
19
VS
Power stage supply voltage. Module and motor supply voltage.
Maximum voltage must not exceed the specified values.
Table 2.
Pin description (continued)
Pin N.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com