Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 28 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 28 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 24Page - Microchip Technology DM163006 Datasheet HTML 25Page - Microchip Technology DM163006 Datasheet HTML 26Page - Microchip Technology DM163006 Datasheet HTML 27Page - Microchip Technology DM163006 Datasheet HTML 28Page - Microchip Technology DM163006 Datasheet HTML 29Page - Microchip Technology DM163006 Datasheet HTML 30Page - Microchip Technology DM163006 Datasheet HTML 31Page - Microchip Technology DM163006 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 320 page
background image
PIC18C601/801
DS39541A-page 28
Advance Information
 2001 Microchip Technology Inc.
FIGURE 2-10:
TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (RC, EC)
2.6.3
SCS0, SCS1 PRIORITY
If both SCS0 and SCS1 are set to ‘1’ simultaneously,
the SCS0 bit has priority over the SCS1 bit. This means
that the low power option will take precedence over the
PLL option. If both bits are cleared simultaneously, the
system clock will come from OSC1, after a TOST time-
out. If only the SCS0 bit is cleared, the system clock will
come from the PLL output, following TOST and TPLL
time.
TABLE 2-3:
SCS0, SCS1 PRIORITY
2.7
Effects of SLEEP Mode on the
On-Chip Oscillator
When the device executes a SLEEP instruction, the
on-chip clocks and oscillator are turned off and the
device is held at the beginning of an instruction cycle
(Q1 state). With the oscillator off, the OSC1 and OSC2
signals will stop oscillating. Since all the transistor
switching currents have been removed, SLEEP mode
achieves the lowest current consumption of the device
(only leakage currents). Enabling any on-chip feature
that will operate during SLEEP, will increase the cur-
rent consumed during SLEEP. The user can wake from
SLEEP through external RESET, Watchdog Timer
Reset, or through an interrupt.
2.8
Power-up Delays
Power-up delays are controlled by two timers, so that
no external RESET circuitry is required for most appli-
cations. The delays ensure that the device is kept in
RESET until the device power supply and clock are sta-
ble. For additional information on RESET operation,
see Section 3.0 RESET.
The first timer is the Power-up Timer (PWRT), which
optionally provides a fixed delay of TPWRT (parameter
#33) on power-up only. The second timer is the Oscil-
lator Start-up Timer (OST), intended to keep the chip in
RESET until the crystal oscillator is stable.
PIC18C601/801 devices provide a configuration bit,
PWRTEN in CONFIG2L register, to enable or disable
the Power-up Timer. By default, the Power-up Timer is
enabled.
With the PLL enabled (HS4 oscillator mode), the time-out
sequence following a Power-on Reset is different from
other oscillator modes. The time-out sequence is as fol-
lows: the PWRT time-out is invoked after a POR time
delay has expired, then, the Oscillator Start-up Timer
(OST) is invoked. However, this is still not a sufficient
amount of time to allow the PLL to lock at high frequen-
cies. The PWRT timer is used to provide an additional
time-out, called TPLL (parameter #7), to allow the PLL
ample time to lock to the incoming clock frequency.
TABLE 2-4:
OSC1 AND OSC2 PIN STATES IN SLEEP MODE
Q3
Q4
Q1
Q1 Q2
Q3
Q4 Q1 Q2 Q3
OSC1
Internal System
SCS0
(OSCCON<0>)
Program Counter
PC
PC + 2
Note:
RC oscillator mode assumed.
PC + 4
T1OSI
Clock
OSC2
Q4
TT1P
TOSC
TSCS
1
23
45
6
78
SCS1
SCS0
Clock Source
0
0
Ext Oscillator OSC1
0
1
Timer1 Oscillator
10
HS + PLL
1
1
Timer1 Oscillator
OSC Mode
OSC1 Pin
OSC2 Pin
RC
Floating, external resistor should pull high
At logic low
EC
Floating
At logic low
LP and HS Feedback inverter disabled, at quiescent voltage level Feedback inverter disabled, at quiescent voltage level
Note:
See Table 3-1 in Section 3.0 RESET, for time-outs due to SLEEP and MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com