Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 65 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 65 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 61Page - Microchip Technology DM163006 Datasheet HTML 62Page - Microchip Technology DM163006 Datasheet HTML 63Page - Microchip Technology DM163006 Datasheet HTML 64Page - Microchip Technology DM163006 Datasheet HTML 65Page - Microchip Technology DM163006 Datasheet HTML 66Page - Microchip Technology DM163006 Datasheet HTML 67Page - Microchip Technology DM163006 Datasheet HTML 68Page - Microchip Technology DM163006 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 65
PIC18C601/801
FIGURE 5-2:
8-BIT MULTIPLEXED MODE TIMING
5.2.2
8-BIT DE-MULTIPLEXED MODE
The 8-bit De-Multiplexed mode applies only to the
PIC18C801. Data and address lines are available sep-
arately. External components are not necessary in this
mode.
For 8-bit De-Multiplexed mode on the PIC18C801, the
instructions are fetched as two 8-bit bytes on a dedi-
cated data bus (PORTJ). The address will be pre-
sented for the entire duration of the fetch cycle on a
separate address bus. The two instruction bytes are
sequentially fetched within one instruction cycle (TCY).
Therefore, the designer must choose external memory
devices according to timing calculations, based on 1/2
TCY (2 times instruction rate). For proper memory speed
selection, setup and hold times must be considered.
The Address Latch Enable (ALE) pin is left uncon-
nected, since glue logic is not necessary. The OE out-
put enable signal will enable one byte of program
memory for a portion of the instruction cycle, then BA0
will change and the second byte will be enabled to form
the 16-bit instruction word. The least significant bit of
the address, BA0, must be connected to the memory
devices in this mode. Figure 5-3 shows an example of
8-bit De-Multiplexed mode on the PIC18C801. The
control signals used in 8-bit De-Multiplexed mode are
outlined in Register 5-2. Register 5-4 describes 8-bit
De-Multiplexed mode timing.
A16, AD<15:8>
ALE
OE
AD<7:0>
BA0
Opcode Fetch
MOVLW 55h
from 007556h
Q1
Q2
Q3
Q4
03Ah
ABh
55h
0Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com