Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 57 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 57 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 53Page - Microchip Technology DM163006 Datasheet HTML 54Page - Microchip Technology DM163006 Datasheet HTML 55Page - Microchip Technology DM163006 Datasheet HTML 56Page - Microchip Technology DM163006 Datasheet HTML 57Page - Microchip Technology DM163006 Datasheet HTML 58Page - Microchip Technology DM163006 Datasheet HTML 59Page - Microchip Technology DM163006 Datasheet HTML 60Page - Microchip Technology DM163006 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 57
PIC18C601/801
F84h
PORTE
Read PORTE Pins, Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
F83h
PORTD
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
uuuu uuuu
F82h
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
uuuu uuuu
F81h
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
uuuu uuuu
F80h
PORTA
—
—
Read PORTA pins, Write PORTA Data Latch
--0x 0000
--0u 0000
TABLE 4-2:
REGISTER FILE SUMMARY - PIC18C601/801 (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
RESETS(1)
Legend
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition, r = reserved
Note 1: Other (non-power-up) RESETS include external RESET through MCLR and Watchdog Timer Reset.
2: These registers can only be modified when the Combination Lock is open.
3: These registers are available on PIC18C801 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com