Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 63 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 63 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 59Page - Microchip Technology DM163006 Datasheet HTML 60Page - Microchip Technology DM163006 Datasheet HTML 61Page - Microchip Technology DM163006 Datasheet HTML 62Page - Microchip Technology DM163006 Datasheet HTML 63Page - Microchip Technology DM163006 Datasheet HTML 64Page - Microchip Technology DM163006 Datasheet HTML 65Page - Microchip Technology DM163006 Datasheet HTML 66Page - Microchip Technology DM163006 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 63
PIC18C601/801
5.0
EXTERNAL MEMORY
INTERFACE
The External Memory Interface is a feature of the
PIC18C601/801 that allows the processor to access
external memory devices, such as FLASH, EPROM,
SRAM, etc. Memory mapped peripherals may also be
accessed.
The External Memory Interface physical implementa-
tion includes up to 26 pins on the PIC18C601 and up to
38 pins on the PIC18C801. These pins are reserved for
external address/data bus functions.
These pins are multiplexed with I/O port pins, but the
I/O functions are only enabled when program execution
takes place in internal Boot RAM and the EBDIS bit in
the MEMCON register is set (see Register 5-1).
5.1
Memory Control Register
(MEMCON)
Register 5-1 shows the Memory Control Register
(MEMCON). This register contains bits used to control
the operation of the External Memory Interface.
REGISTER 5-1:
MEMCON REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
EBDIS
PGRM
WAIT1
WAIT0
—
—
WM1
WM0
bit7
bit0
bit 7
EBDIS: External Bus Disable
1
= External system bus disabled, all external bus drivers are mapped as I/O ports
0
= External system bus enabled, and I/O ports are disabled
bit 6
PGRM: Program RAM Enable
1
= 512 bytes of internal RAM enabled as internal program memory from location 1FFE00h to
1FFFFFh, external program memory at these locations is unused. Internal GPR memory
from 400h to 5FFh is disabled and returns 00h.
0
= Internal RAM enabled as internal GPR memory from 400h to 5FFh. Program memory from
location 1FFE00h to 1FFFFFh is configured as external program memory.
bit 5-4
WAIT<1:0>: Table Reads and Writes Bus Cycle Wait Count
11
= Table reads and writes will wait 0 TCY
10
= Table reads and writes will wait 1 TCY
01
= Table reads and writes will wait 2 TCY
00
= Table reads and writes will wait 3 TCY
bit 3-2
Unimplemented: Read as '0'
bit 1-0
WM<1:0>: TABLWT Operation with 16-bit Bus
1X
= Word Write mode: TABLAT0 and TABLAT1 word output, WRH active when TABLAT1 written
01
= Byte Select mode: TABLAT data copied on both MS and LS Byte, WRH and (UB or LB) will
activate
00
= Byte Write mode: TABLAT data copied on both MS and LS Byte, WRH or WRL will activate
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com