Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 35 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 35 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 31Page - Microchip Technology DM163006 Datasheet HTML 32Page - Microchip Technology DM163006 Datasheet HTML 33Page - Microchip Technology DM163006 Datasheet HTML 34Page - Microchip Technology DM163006 Datasheet HTML 35Page - Microchip Technology DM163006 Datasheet HTML 36Page - Microchip Technology DM163006 Datasheet HTML 37Page - Microchip Technology DM163006 Datasheet HTML 38Page - Microchip Technology DM163006 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 35
PIC18C601/801
POSTINC2
601
801
(Note 5)
(Note 5)
(Note 5)
POSTDEC2
601
801
(Note 5)
(Note 5)
(Note 5)
PREINC2
601
801
(Note 5)
(Note 5)
(Note 5)
PLUSW2
601
801
(Note 5)
(Note 5)
(Note 5)
FSR2H
601
801
---- 0000
---- 0000
---- uuuu
FSR2L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
601
801
---x xxxx
---u uuuu
---u uuuu
TMR0H
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR0L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
601
801
1111 1111
1111 1111
uuuu uuuu
OSCCON
601
801
--00 0-00
--uu u-u0
--uu u-uu
LVDCON
601
801
--00 0101
--00 0101
--uu uuuu
WDTCON
601
801
---- 1111
---- uuuu
---- uuuu
RCON(4)
601
801
0r-1 11qr
0r-1 qqur
ur-u qqur
TMR1H
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
601
801
0-00 0000
u-uu uuuu
u-uu uuuu
TMR2
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
PR2
601
801
1111 1111
1111 1111
1111 1111
T2CON
601
801
-000 0000
-000 0000
-uuu uuuu
SSPBUF
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
601
801
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
601
801
0000 0000
0000 0000
uuuu uuuu
SSPCON1
601
801
0000 0000
0000 0000
uuuu uuuu
SSPCON2
601
801
0000 0000
0000 0000
uuuu uuuu
ADRESH
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
601
801
--00 0000
--00 0000
--uu uuuu
ADCON1
601
801
-000 0000
-000 0000
-uuu uuuu
ADCON2
601
801
0--- -000
0--- -000
u--- -uuu
CCPR1H
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
601
801
--00 0000
--00 0000
--uu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset
MCLR Reset
WDT Reset
Reset
Instruction
Stack Over/Underflow Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition,
r
= reserved, maintain ‘0’
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (00008h or 00018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH, and TOSL are
updated with the current value of the PC. The SKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: This is not a physical register. It is an indirect pointer that addresses another register. The contents
returned is the value contained in the addressed register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com