Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 9 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 5Page - Microchip Technology DM163006 Datasheet HTML 6Page - Microchip Technology DM163006 Datasheet HTML 7Page - Microchip Technology DM163006 Datasheet HTML 8Page - Microchip Technology DM163006 Datasheet HTML 9Page - Microchip Technology DM163006 Datasheet HTML 10Page - Microchip Technology DM163006 Datasheet HTML 11Page - Microchip Technology DM163006 Datasheet HTML 12Page - Microchip Technology DM163006 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 9
PIC18C601/801
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following two devices:
1.
PIC18C601
2.
PIC18C801
The PIC18C601 is available in 64-pin TQFP and 68-pin
PLCC packages. The PIC18C801 is available in 80-pin
TQFP and 84-pin PLCC packages.
An overview of features is shown in Table 1-1.
Device block diagrams are provided in Figure 1-1 for
the 64/68-pin configuration, and Figure 1-2 for the 80/
84-pin configuration. The pinouts for both packages
are listed in Table 1-2.
TABLE 1-1:
DEVICE FEATURES
Features
PIC18C601
PIC18C801
Operating Frequency
DC - 25 MHz
DC - 25 MHz
External
Program Memory
Bytes
256K
2M
Max. # of Single Word
Instructions
128K
1M
Data Memory (Bytes)
1536
1536
Interrupt Sources
15
15
I/O Ports
Ports A - G
Ports A - H, J
Timers
4
4
Capture/Compare/PWM modules
2
2
Serial Communications
MSSP,
Addressable USART
MSSP,
Addressable USART
10-bit Analog-to-Digital Module
8 input channels
12 input channels
RESETS (and Delays)
POR,
RESET
Instruction, Stack Full,
Stack Underflow (PWRT, OST)
POR,
RESET
Instruction, Stack Full,
Stack Underflow (PWRT, OST)
Programmable Low Voltage Detect
Yes
Yes
8-bit External Memory Interface
Yes
Yes
8-bit De-multiplexed External
Memory Interface
No
Yes
16-bit External Memory Interfaces
Yes
Yes
On-chip Chip Select Signals
CS1
CS1, CS2
On-chip I/O Chip Select Signal
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
Packages
64-pin TQFP
68-pin PLCC
80-pin TQFP
84-pin PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com