Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 1 Page - Microchip Technology

  DM163006 Datasheet HTML 1Page - Microchip Technology DM163006 Datasheet HTML 2Page - Microchip Technology DM163006 Datasheet HTML 3Page - Microchip Technology DM163006 Datasheet HTML 4Page - Microchip Technology DM163006 Datasheet HTML 5Page - Microchip Technology DM163006 Datasheet HTML 6Page - Microchip Technology DM163006 Datasheet HTML 7Page - Microchip Technology DM163006 Datasheet HTML 8Page - Microchip Technology DM163006 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 1
PIC18C601/801
High Performance RISC CPU:
• C compiler optimized architecture instruction set
• Linear program memory addressing up to 2 Mbytes
• Linear data memory addressing to 4 Kbytes
• Up to 160 ns instruction cycle:
- DC - 25 MHz clock input
- 4 MHz - 6 MHz clock input with PLL active
• 16-bit wide instructions, 8-bit wide data path
• Priority levels for interrupts
• 8 x 8 Single Cycle Hardware Multiplier
Peripheral Features:
• High current sink/source 25 mA/25 mA
• Up to 47 I/O pins with individual direction control
• Three external interrupt pins
•Timer0 module: 8-bit/16-bit timer/counter with
8-bit programmable prescaler
•Timer1 module: 16-bit timer/counter (time-base for
CCP)
•Timer2 module: 8-bit timer/counter with 8-bit
period register
•Timer3 module: 16-bit timer/counter
• Secondary oscillator clock option - Timer1/Timer3
• Two Capture/Compare/PWM (CCP) modules
CCP pins can be configured as:
- Capture input: 16-bit, max. resolution 10 ns
- Compare is 16-bit, max. resolution 160 ns (TCY)
- PWM output: PWM resolution is 1- to 10-bit
Max. PWM freq. @:
8-bit resolution = 99 kHz
10-bit resolution = 24.4 kHz
• Master Synchronous Serial Port (MSSP) with two
modes of operation:
- 3-wire SPI™ (Supports all 4 SPI modes)
-I2C™ Master and Slave mode
• Addressable USART module: Supports Interrupt
on Address bit
Advanced Analog Features:
• 10-bit Analog-to-Digital Converter module (A/D)
with:
-
Fast sampling rate
-
Conversion available during SLEEP
-
DNL = ±1 LSb, INL = ±1 LSb
-
Up to 12 channels available
• Programmable Low Voltage Detection (LVD)
module
-
Supports interrupt on Low Voltage Detection
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT),
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator
• On-chip Boot RAM for boot loader application
• 8-bit or 16-bit external memory interface modes
• Up to two software programmable chip select sig-
nals (CS1 and CS2)
• One programmable chip I/O select signal (CSIO)
for memory mapped I/O expansion
• Power saving SLEEP mode
• Different oscillator options, including:
- 4X Phase Lock Loop (of primary oscillator)
- Secondary Oscillator (32 kHz) clock input
CMOS Technology:
• Low power, high speed CMOS technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Industrial and Extended temperature ranges
• Low power consumption
Device
External Program Memory
On-Chip
RAM (bytes)
On-Chip
Maximum
Addressing
(bytes)
Maximum
Single Word
Instructions
PIC18C601
256K
128K
1.5K
PIC18C801
2M
1M
1.5K
High-Performance ROM-less Microcontrollers
with External Memory Bus


Similar Part No. - DM163006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM163004-LT MICROCHIP-DM163004-LT Datasheet
2Mb / 2P
Free Microchip TCP/IP stack
10/19/04
DM163007 MICROCHIP-DM163007 Datasheet
83Kb / 2P
PICDEM??CAN-LIN 1, 2 and 3 Demonstration Boards
2006
More results

Similar Description - DM163006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18C601 MICROCHIP-PIC18C601 Datasheet
5Mb / 320P
High-Performance ROM-less Microcontrollers with External Memory Bus
2001
PIC18F010 MICROCHIP-PIC18F010 Datasheet
2Mb / 176P
High Performance Microcontrollers
2001
logo
National Semiconductor ...
HPC16083 NSC-HPC16083 Datasheet
467Kb / 36P
High-Performance microControllers
logo
Dallas Semiconductor
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
EPROM/ROM High-Speed Microcontrollers
logo
Freescale Semiconductor...
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
6Mb / 124P
ROM-based high-performance microcontrollers
logo
Microchip Technology
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
High-Performance, 16-Bit Microcontrollers
2007
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Microchip Technology
PIC18C601 MICROCHIP-PIC18C601_13 Datasheet
7Mb / 322P
High-Performance ROM-less Microcontrollers with External Memory Bus
11/29/12 2001-2013
logo
Maxim Integrated Produc...
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com