Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 12 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 12 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 8Page - Microchip Technology DM163006 Datasheet HTML 9Page - Microchip Technology DM163006 Datasheet HTML 10Page - Microchip Technology DM163006 Datasheet HTML 11Page - Microchip Technology DM163006 Datasheet HTML 12Page - Microchip Technology DM163006 Datasheet HTML 13Page - Microchip Technology DM163006 Datasheet HTML 14Page - Microchip Technology DM163006 Datasheet HTML 15Page - Microchip Technology DM163006 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 320 page
background image
PIC18C601/801
DS39541A-page 12
Advance Information
 2001 Microchip Technology Inc.
TABLE 1-2:
PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
PIC18C601
PIC18C801
TQFP
PLCC
TQFP
PLCC
Description
MCLR/VPP
MCLR
VPP
716920
I
P
ST
Master clear (RESET) input. This pin is
an active low RESET to the device.
Programming voltage input.
NC
—
1, 18,
35, 52
—
1, 22,
43, 64
——
These pins should be left
unconnected.
OSC1/CLKI
OSC1
CLKI
39
50
49
62
I
I
CMOS/ST
CMOS
Oscillator crystal input or external clock
source input. ST buffer when in RC
mode. Otherwise CMOS.
External clock source input.
Always associated with pin function
OSC1 (see OSC1/CLKI, OSC2/CLKO
pins).
OSC2/CLKO
OSC2
CLKO
40
51
50
63
O
O
—
—
Oscillator crystal output.
Connects to crystal or resonator in
Crystal Oscillator mode.
In RC mode, OSC2 pin outputs CLKO,
which has 1/4 the
frequency of OSC1 and denotes the
instruction cycle rate.
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com