Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 64 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 64 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 60Page - Microchip Technology DM163006 Datasheet HTML 61Page - Microchip Technology DM163006 Datasheet HTML 62Page - Microchip Technology DM163006 Datasheet HTML 63Page - Microchip Technology DM163006 Datasheet HTML 64Page - Microchip Technology DM163006 Datasheet HTML 65Page - Microchip Technology DM163006 Datasheet HTML 66Page - Microchip Technology DM163006 Datasheet HTML 67Page - Microchip Technology DM163006 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 320 page
background image
PIC18C601/801
DS39541A-page 64
Advance Information
 2001 Microchip Technology Inc.
5.2
8-bit Mode
The External Memory Interface can operate in 8-bit
mode. The mode selection is not software configurable,
but is programmable via the configuration bits.
There are two types of connections in 8-bit mode. They
are referred to as:
• 8-bit Multiplexed
• 8-bit De-Multiplexed
5.2.1
8-BIT MULTIPLEXED MODE
The 8-bit Multiplexed mode applies only to the
PIC18C601. Data and address lines are multiplexed on
port pins and must be decoded with glue logic.
For 8-bit Multiplexed mode on the PIC18C601, the
instructions will be fetched as two 8-bit bytes on a
shared data/address bus (PORTD). The two bytes are
sequentially fetched within one instruction cycle (TCY).
Therefore, the designer must choose external memory
devices according to timing calculations based on 1/2
Tcy (2 times instruction rate). For proper memory
speed selection, glue logic propagation delay times
must be considered along with setup and hold times.
The Address Latch Enable (ALE) pin indicates that the
address bits A<7:0> are available on the External
Memory Interface bus. The OE output enable signal will
enable one byte of program memory for a portion of the
instruction cycle, then BA0 will change and the second
byte will be enabled to form the 16-bit instruction word.
The least significant bit of the address, BA0, must be
connected to the memory devices in this mode.
Figure 5-1 shows an example of 8-bit Multiplexed
mode on the PIC18C601. The control signals used in
8-bit Multiplexed mode are outlined in Table 5-1.
Register 5-2 describes 8-bit Multiplexed mode timing.
FIGURE 5-1:
8-BIT MULTIPLEXED MODE EXAMPLE
TABLE 5-1:
8-BIT MULTIPLEXED MODE CONTROL SIGNALS
AD<7:0>
PIC18C601
BA0
OE
WRL
373
A<x:1>
D<7:0>
OE WR(2)
CE
ALE
D<7:0>
A<17:0>
Note 1: This signal only applies to Table Writes. See Section 6.0, Table Reads and Writes.
A16, AD<15:8>
CS1
A0
Name
8-bit Mux
Mode
Function
RG0/ALE
ALE
Address Latch Enable (ALE) control pin
RG1/OE
OE
Output Enable (OE) control pin
RG2/WRL
WRL
Write Low (WRL) control pin
RG4/BA0
BA0
Byte address bit 0
RF3/CSIO
CSIO
Chip Select I/O (See Section 5.4)
RF5/CS1
CS1
Chip Select 1 (See Section 5.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com