Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 85 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 85 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 81Page - Microchip Technology DM163006 Datasheet HTML 82Page - Microchip Technology DM163006 Datasheet HTML 83Page - Microchip Technology DM163006 Datasheet HTML 84Page - Microchip Technology DM163006 Datasheet HTML 85Page - Microchip Technology DM163006 Datasheet HTML 86Page - Microchip Technology DM163006 Datasheet HTML 87Page - Microchip Technology DM163006 Datasheet HTML 88Page - Microchip Technology DM163006 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 85
PIC18C601/801
7.0
8 X 8 HARDWARE MULTIPLIER
An 8 x 8 hardware multiplier is included in the ALU of
PIC18C601/801 devices. By making the multiply a
hardware operation, it completes in a single instruction
cycle. This is an unsigned multiply that gives a 16-bit
result. The result is stored into the 16-bit product regis-
ter pair (PRODH:PRODL). The multiplier does not
affect any flags in the STATUS register.
Making the 8 x 8 multiplier execute in a single cycle
gives the following advantages:
• Higher computational throughput
• Reduces code size requirements for multiply
algorithms
The performance increase allows the device to be used
in some applications previously reserved for Digital
Signal Processors.
Table 7-1 shows a performance comparison between
enhanced devices using the single cycle hardware mul-
tiply, and performing the same function without the
hardware multiply.
TABLE 7-1:
PERFORMANCE COMPARISON
Routine
Multiply Method
Program
Memory
(Words)
Cycles
(Max)
Time
@ 25 MHz
@ 10 MHz
@ 4 MHz
8 x 8 unsigned
Without hardware multiply
13
69
11.0
µs27.6 µs
69.0
µs
Hardware multiply
1
1
160.0 ns
400.0 ns
1.0
µs
8 x 8 signed
Without hardware multiply
33
91
14.6
µs36.4 µs
91.0
µs
Hardware multiply
6
6
960.0 ns
2.4
µs
6.0
µs
16 x 16 unsigned
Without hardware multiply
21
242
38.7
µs96.8 µs
242.0
µs
Hardware multiply
24
24
3.8
µs
9.6
µs
24.0
µs
16 x 16 signed
Without hardware multiply
52
254
40.6
µs102.6 µs
254.0
µs
Hardware multiply
36
36
5.8
µs
14.4
µs
36.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com