Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 34 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 34 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 30Page - Microchip Technology DM163006 Datasheet HTML 31Page - Microchip Technology DM163006 Datasheet HTML 32Page - Microchip Technology DM163006 Datasheet HTML 33Page - Microchip Technology DM163006 Datasheet HTML 34Page - Microchip Technology DM163006 Datasheet HTML 35Page - Microchip Technology DM163006 Datasheet HTML 36Page - Microchip Technology DM163006 Datasheet HTML 37Page - Microchip Technology DM163006 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 320 page
background image
PIC18C601/801
DS39541A-page 34
Advance Information
 2001 Microchip Technology Inc.
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable
Devices
Power-on Reset
MCLR Reset
WDT Reset
Reset
Instruction
Stack Over/Underflow Reset
Wake-up via WDT or
Interrupt
TOSU
601
801
---0 0000
---0 0000
---u uuuu(3)
TOSH
601
801
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
601
801
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
601
801
00-0 0000
00-0 0000
uu-u uuuu(3)
PCLATU
601
801
---0 0000
---0 0000
---u uuuu
PCLATH
601
801
0000 0000
0000 0000
uuuu uuuu
PCL
601
801
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
601
801
--00 0000
--00 0000
--uu uuuu
TBLPTRH
601
801
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
601
801
0000 0000
0000 0000
uuuu uuuu
TABLAT
601
801
0000 0000
0000 0000
uuuu uuuu
PRODH
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
601
801
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
601
801
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
601
801
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
601
801
(Note 5)
(Note 5)
(Note 5)
POSTINC0
601
801
(Note 5)
(Note 5)
(Note 5)
POSTDEC0
601
801
(Note 5)
(Note 5)
(Note 5)
PREINC0
601
801
(Note 5)
(Note 5)
(Note 5)
PLUSW0
601
801
(Note 5)
(Note 5)
(Note 5)
FSR0H
601
801
---- 0000
---- 0000
---- uuuu
FSR0L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
601
801
(Note 5)
(Note 5)
(Note 5)
POSTINC1
601
801
(Note 5)
(Note 5)
(Note 5)
POSTDEC1
601
801
(Note 5)
(Note 5)
(Note 5)
PREINC1
601
801
(Note 5)
(Note 5)
(Note 5)
PLUSW1
601
801
(Note 5)
(Note 5)
(Note 5)
FSR1H
601
801
---- 0000
---- 0000
---- uuuu
FSR1L
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
601
801
---- 0000
---- 0000
---- uuuu
INDF2
601
801
(Note 5)
(Note 5)
(Note 5)
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition,
r
= reserved, maintain ‘0’
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (00008h or 00018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH, and TOSL are
updated with the current value of the PC. The SKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: This is not a physical register. It is an indirect pointer that addresses another register. The contents
returned is the value contained in the addressed register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com