Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM163006 Datasheet(PDF) 80 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 80 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 76Page - Microchip Technology DM163006 Datasheet HTML 77Page - Microchip Technology DM163006 Datasheet HTML 78Page - Microchip Technology DM163006 Datasheet HTML 79Page - Microchip Technology DM163006 Datasheet HTML 80Page - Microchip Technology DM163006 Datasheet HTML 81Page - Microchip Technology DM163006 Datasheet HTML 82Page - Microchip Technology DM163006 Datasheet HTML 83Page - Microchip Technology DM163006 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 320 page
background image
PIC18C601/801
DS39541A-page 80
Advance Information
 2001 Microchip Technology Inc.
6.3.2
16-BIT EXTERNAL TABLE WRITE
(BYTE WRITE MODE)
This mode allows Table Writes to byte-wide external
memories. During a TBLWT cycle, the TABLAT data is
presented on the upper and lower byte of the
AD<15:0> bus. The appropriate WRH or WRL line is
strobed based on the LSb of the TBLPTR. Figure 6-8
shows the timing associated with this mode.
FIGURE 6-8:
TBLWT
EXTERNAL INTERFACE TIMING (16-BIT BYTE WRITE MODE)
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
A<19:16>
ALE
OE
3AAAh
WRH
WRL
AD<15:0>
0h
0h
BA0
Opcode Fetch
Opcode Fetch
Opcode Fetch
TBLWT*+
TBLWT* Cycle1
MOVLW 55h
from 007554h
000Dh
Q2
Q1
Q3 Q4
Ch
CF33h
TBLWT 56h
to 199E66h
5656h
3AABh
6FF4h
3AACh
000Ch
0h
from 00755Ah
Memory
Cycle
Instruction
Execution
INST(PC-2)
TBLWT* Cycle2
MOVWF TABLAT
from 007556h
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
0h
3AADh
TBLWT 92h
to 199E67h
0E55h
CF33h
9292h
Ch
TBLWT*+ Cycle1
TBLWT*+ Cycle2
UB
LB
Opcode Fetch
TBLWT*
from 007558h
MOVWF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com