Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 7Page - STMicroelectronics ST802RT1A Datasheet HTML 8Page - STMicroelectronics ST802RT1A Datasheet HTML 9Page - STMicroelectronics ST802RT1A Datasheet HTML 10Page - STMicroelectronics ST802RT1A Datasheet HTML 11Page - STMicroelectronics ST802RT1A Datasheet HTML 12Page - STMicroelectronics ST802RT1A Datasheet HTML 13Page - STMicroelectronics ST802RT1A Datasheet HTML 14Page - STMicroelectronics ST802RT1A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
ST802RT1A, ST802RT1B
Pin description
Doc ID 17049 Rev 1
11/58
5
Pin description
Table 2.
Pin description of the ST802RT1x
Pin n°
ST802RT1x
Name
Type
Description
1
TX_CLK/LPBK_EN
O, S, PD
MII transmit clock
2
TX_EN
I, PD
MII transmit enable
3
GNDA
Ground
Analog ground
4
VCCA
Supply
Analog power supply
5
TXD0
I
Transmit data (MII/RMII)
6
TXD1
I
Transmit data (MII/RMII)
7
TXD2/SCLK
I
Transmit data (MII), RMII clock (50 Mhz)
8
TXD3/MII_CFG1
I, S, PD
Transmit data (MII) / multi-function pin
9
PWRDWN/MDINT
I, PU, OD
Power-down/management data interrupt
10
RESERVED
I, PD
To be set to digital ground
11
RESERVED
I, PD
To be set to digital ground
12
GND
Ground
Digital ground
13
VCCA
Supply
Analog power supply
14
RXN
I, O
Differential receive inputs
15
RXP
I, O
Differential receive inputs
16
GNDA
Ground
Analog ground
17
TXP
I, O
Differential transmit outputs
18
TXN
I, O
Differential transmit outputs
19
GNDA
Ground
Analog ground
20
GNDA
Ground
Analog ground
21
IREF
I/O
Reference resistor/ DC regulator output (bias resistor)
22
VCCA
Supply
Analog power supply
23
GNDA
Ground
Analog ground
24
VCCA
Supply
Analog power supply
25
RESERVED
-
Not used in the ST802RT1A
SDP
I
Positive signal detect for 100Base-FX operation (ST802RT1B
only)
26
LED_ACT/AN_1
O, S, PU
Activity/full-duplex/collision led
27
LED_SPEED/AN_0
O, S, PU
Speed LED
28
LED_LINK/AN_EN
O, S, PU
Link LED
29
RESET
I
Reset (active-low)
30
MDIO
I/O, PU
Management data input/output
31
MDC
I
Management data clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com