Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 37Page - STMicroelectronics ST802RT1A Datasheet HTML 38Page - STMicroelectronics ST802RT1A Datasheet HTML 39Page - STMicroelectronics ST802RT1A Datasheet HTML 40Page - STMicroelectronics ST802RT1A Datasheet HTML 41Page - STMicroelectronics ST802RT1A Datasheet HTML 42Page - STMicroelectronics ST802RT1A Datasheet HTML 43Page - STMicroelectronics ST802RT1A Datasheet HTML 44Page - STMicroelectronics ST802RT1A Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
ST802RT1A, ST802RT1B
Device operation
Doc ID 17049 Rev 1
41/58
Auto-negotiation exchanges information with the network partner using the fast link pulses
(FLPs) - a burst of link pulses. FLP’s contain 16 bits of signaling information to advertise all
supported capabilities, determined by register RN04 (auto-negotiation advertisement
register), to the remote partner. Based on this information, they identify their highest
common capability by following the priority sequence below:
1. 100Base-TX full-duplex (highest priority)
2. 100Base-TX half-duplex
3. 10Base-T full-duplex
4. 10Base-T half-duplex (lowest priority)
During power-up or reset, if auto-negotiation is found enabled, then FLPs is transmitted and
the auto-negotiation function proceeds. Otherwise, the auto-negotiation does not occur until
the bit 12 of RN00 register is set to 1. When auto-negotiation is disabled, then the Network
Speed and Duplex Mode are selected by programming RN00 register.
7.8
Power-down / interrupt
The power-down and interrupt functions are multiplexed on pin 9 of the device. By default,
this pin functions as a power-down input and the interrupt function is disabled. Setting bit 8
(INT_OE_N) of RN12 (0x12h) configures the pin as active low interrupt output.
7.9
Power-down operation
To reduce power consumption, the ST802RT1x is designed with a power-down feature,
which can reduce power consumption significantly. Since the power supply of the 100Base-
TX and 10Base-T circuits are separated, the ST802RT1x can turn off the circuit of either the
100Base-TX or 10Base-T when the other one is operating. There is also a power-down
mode which can be selected by bit 11 in register RN00. During power-down mode, the
TXP/TXN outputs and all LED outputs are 3-stated, and the MII interface is isolated. During
power-down mode the MII management interface is still available for reading and writing
device registers. Power-down mode can be exited by clearing bit 11 of register RN00, or by
a hardware or software reset (setting RN00[15]=1). An external control signal can be used
to drive the pin PWRDWN/MDINT low, overcoming the weak internal pull-up resistor.
Alternatively, the device can be configured to initialize into a power-down state by placing an
external pull-down resistor on the PWRDWN/MDINT pin. Since the device still responds to
management register access, setting the INT_OE_N in the RN12 register disables the
PWRDWN/MDINT input, allowing the device to exit the power-down state.
7.10
Interrupt mechanisms
The interrupt function is controlled via register access. All interrupt sources are disabled by
default. Setting bit 7 (INT_EN) of RN12 (0x12h) enables interrupts to be output, based on
the interrupt mask set in the lower byte of RN12 (0x12h). The PWRDWN/MDINT pin is
asynchronously asserted low when an interrupt condition occurs. The source of the interrupt
can be determined by reading the lower byte of RN11 (0x11h). One or more bits in the RN11
is set, denoting all currently pending interrupts.
Example: To generate an interrupt on a change of link status, the steps would be:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com