Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 20Page - STMicroelectronics ST802RT1A Datasheet HTML 21Page - STMicroelectronics ST802RT1A Datasheet HTML 22Page - STMicroelectronics ST802RT1A Datasheet HTML 23Page - STMicroelectronics ST802RT1A Datasheet HTML 24Page - STMicroelectronics ST802RT1A Datasheet HTML 25Page - STMicroelectronics ST802RT1A Datasheet HTML 26Page - STMicroelectronics ST802RT1A Datasheet HTML 27Page - STMicroelectronics ST802RT1A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
24/58
Doc ID 17049 Rev 1
suppressed from transmission. Resetting the chip restores the default bit values. Reading
the register returns the values last written to the corresponding bits, or else the default
values if no write has been completed since the last chip reset. Even though bit 9 (advertise
100BASE-T4) is writable, it should never be set since the ST802RT1x does not support T4
operation.
Advertised selector: Bits 4:0 of the advertisement register contain the fixed value “00001”,
indicating that the chip belongs to the 802.3 class of PHY transceivers
LP next page: Bit 15 of the link partner ability register returns a value of “1” when the link
partner implements the next page function and has next page information that it wants to
transmit.
LP ack: Bit 14 of the link partner ability register is used by auto-negotiation to indicate that a
device has successfully received its link partner's link code word.
LP remote fault: Bit 13 of the link partner ability register returns a value of “1” when the link
partner signals that a remote fault has occurred. The ST802RT1x simply copies the value to
this register and does not act upon it.
Table 15.
RN05 [0d05, 0x05]: Auto-negotiation link partner ability register
Bit
Bit name
Description
Default
RW
type
Type
15
LP Next Page
1 -> Link partner desires next page transfer
0 -> Link partner does not desire next page transfer
0RO
-
14
LP
Acknowledge
1 -> Link partner acknowledges reception of the ability data
word
0 -> Acknowledge not yet received
0RO
-
13
LP Remote
Fault
1 -> Remote fault indicated by link partner
0 -> No remote fault indicated by link partner
0RO
-
12
RESERVED
--
0
RO
-
11
Asymmetric
Pause (full-
duplex)
1 -> LP supports asymmetric pause (MAC level: clause 31,
annex 31B of 802.3u)
0 -> LP has no MAC-based full-duplex flow control.
0RO
-
10
LP pause (full-
duplex)
1 -> LP supports symmetric pause (MAC level: clause 31,
annex 31B of 802.3u)
0 -> LP has no MAC-based full-duplex flow control.
0RO
-
9
100BASE-T4
1 -> LP supports 100BASE-T4
0 -> LP does not support 100BASE-T4
0RO
-
8
100BASE-TX
full duplex
1 -> LP supports 100BASE-TX full-duplex
0 -> LP does not support 100BASE-TX full-duplex
0RO
-
7
100BASE-TX
1 -> LP supports 100BASE-TX
0 -> LP does not support 100BASE-TX
0RO
-
6
10BASE-T full
duplex
1 -> LP supports 10BASE-T full-duplex
0 -> LP does not support 10BASE-T full-duplex
0RO
-
5
10BASE-T
1 -> LP supports 10BASE-T
0 -> LP does not support 10BASE-T
0RO
-
4:0
LP selector
field
LP's binary encoded protocol selector
00000b
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com