Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST802RT1A Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 17Page - STMicroelectronics ST802RT1A Datasheet HTML 18Page - STMicroelectronics ST802RT1A Datasheet HTML 19Page - STMicroelectronics ST802RT1A Datasheet HTML 20Page - STMicroelectronics ST802RT1A Datasheet HTML 21Page - STMicroelectronics ST802RT1A Datasheet HTML 22Page - STMicroelectronics ST802RT1A Datasheet HTML 23Page - STMicroelectronics ST802RT1A Datasheet HTML 24Page - STMicroelectronics ST802RT1A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
21/58
Table 11.
RN01 [0d01, 0x01]: Status register
Bit
Bit name
Description
Default
RW
type
Type
15
100BASE-T4
ABILITY
0 -> PHY not able to perform 100BASE-T4
Fixed to 0
0RO
P
14
100BASE-X
Full Duplex
1 -> PHY able to perform full-duplex 100BASE-X
Fixed to 1, internally not used
1RO
P
13
100BASE-X
Half Duplex
1 -> PHY able to perform half-duplex 100BASE-X
Fixed to 1
1RO
P
12
10BASE-T
Full Duplex
1 -> PHY able to perform full-duplex 10BASE-T
Fixed to 1, internally not used
1RO
P
11
10BASE-T
Half Duplex
1 -> PHY able to perform half-duplex 10BASE-T
Fixed to 1
1RO
P
10
RESERVED
Not used
0
RO
P
9
RESERVED
Not used
0
RO
P
8
RESERVED
Not used
0
RO
P
7
RESERVED
Not used
0
RO
P
6
MF Preamble
Suppression
1 -> Accepts management frames with preamble suppressed
0 -> Doesn't accept management frames without preamble
Controlled by RN14 [1].
1RO
-
5
Auto-
Negotiation
complete
1 -> Auto-negotiation process completed, registers 4, 5, 6 are now
valid
0 -> Auto-negotiation process not completed
Active only if auto-negotiation is enabled, else 0
0RO
-
4
Remote Fault
1 -> Remote fault condition detected
0 -> No remote fault condition detected
Set when link partner signals a remote fault condition (RN05 - bit
13) or a far-end-fault indicator was asserted. Latched, so the
occurrence of a remote fault causes the remote fault bit to become
set and remain set until it is cleared (by register read, if no more
fault is present).
0RO
LH
3
Auto-
Negotiation
Ability
1 -> PHY is able to perform auto-negotiation
Fixed to 1
1RO
P
2
Link Status
1 -> Link is valid and established (either for 10 and 100 Mb/s)
0 -> Link is down
This bit is cleared at link failure and set after a register read if a
valid link is established
0RO
LL
1
Jabber Detect
1 -> Jabber condition detected: transmission exceeded max
number of bytes
0 -> No jabber condition detected.
Set at jabber condition detection, cleared only after register read
(if no more jabber condition is present).
Working on 10Base-T only. Fixed to 0 in 100Base-X modes
0RO
LH
0
Extended
Capability
1 -> extended register capabilities
Fixed to 1
1RO
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com